Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3606GQV Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPM3606GQV
Description  21V Input, 0.6A Module Synchronous Step-Down Converter with Integrated Inductor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3606GQV Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPM3606GQV Datasheet HTML 1Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 2Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 3Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 4Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 5Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 6Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 7Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 8Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MPM3606
21V Input, 0.6A Module
Synchronous Step-Down Converter
with Integrated Inductor
MPM3606 Rev. 1.0
www.MonolithicPower.com
1
8/11/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MPM3606 is a synchronous rectified, step-
down converter module with built-in power
MOSFETs, inductor and two capacitors. It
offers a very compact solution with only 5
external components to achieve a 0.6A
continuous output current with excellent load
and line regulation over a wide input supply
range. The MPM3606 operates at 2MHz
switching frequency, which provides fast load
transient response. External AAM pin provides
selectable power save mode or forced PWM
mode.
Full protection features include over-current
protection and thermal shut down.
MPM3606 eliminates design and manufacturing
risks while dramatically improving time to
market.
The MPM3606 is available in a space-saving
QFN-20 (3mmx5mmx1.6mm) package.
FEATURES
 4.5V-to-21V Operating Input Range
 0.6A Continuous Load Current
 200μA Low Quiescent Current
 100mΩ/50mΩ Low RDS(ON) Internal Power
MOSFETs
 Integrated Inductor
 Integrated VCC and Bootstrap Capacitors
 External AAM pin for Power-Save Mode
Programming
 OCP Protection with Hiccup
 Thermal Shutdown
 Output Adjustable from 0.8V
 Available in QFN-20 (3mmx5mmx1.6mm)
Package
 Total Solution Size 6.7mm x 6.3mm
APPLICATIONS
 Industrial Controls
 Medical and Imaging Equipment
 Telecom and Networking Applications
 LDO Replacement
 Space and Resource-limited Applications
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MPM3606GQV

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM3606A MPS-MPM3606A Datasheet
1Mb / 23P
21V/0.6A DC/DC Module Synchronous Step-Down Converter with Integrated Inductor
MPM3606AGQV MPS-MPM3606AGQV Datasheet
1Mb / 23P
21V/0.6A DC/DC Module Synchronous Step-Down Converter with Integrated Inductor
MPM3606AGQV-Z MPS-MPM3606AGQV-Z Datasheet
1Mb / 23P
21V/0.6A DC/DC Module Synchronous Step-Down Converter with Integrated Inductor
More results

Similar Description - MPM3606GQV

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM3506A MPS-MPM3506A Datasheet
1Mb / 22P
36V/0.6A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3606A MPS-MPM3606A Datasheet
1Mb / 23P
21V/0.6A DC/DC Module Synchronous Step-Down Converter with Integrated Inductor
MPM3610 MPS-MPM3610 Datasheet
846Kb / 23P
21V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3610A MPS-MPM3610A Datasheet
805Kb / 23P
21V/1.2A DC/DC Module Synchronous Step-Down Converter with Integrated Inductor
MPM3620 MPS-MPM3620 Datasheet
930Kb / 24P
24V Input 2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3805 MPS-MPM3805 Datasheet
890Kb / 16P
6V Input, 0.6A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3810 MPS-MPM3810 Datasheet
902Kb / 17P
6V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3830 MPS-MPM3830 Datasheet
1Mb / 17P
6V Input, 3A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3805A MPS-MPM3805A Datasheet
1Mb / 20P
6V Input, 0.6A Module, Synchronous, Step-Down Converter with Integrated Inductor AEC-Q100 Qualified
EVM3606A-QV-00A MPS-EVM3606A-QV-00A Datasheet
240Kb / 6P
21V/0.6A Module Converter with Integrated Inductor Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com