Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3606GQV Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPM3606GQV
Description  21V Input, 0.6A Module Synchronous Step-Down Converter with Integrated Inductor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3606GQV Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPM3606GQV Datasheet HTML 1Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 2Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 3Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 4Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 5Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 6Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 7Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 8Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MPM3606 – SYNCHRONOUS STEP-DOWN MODULE WITH INTEGRATED INDUCTOR
MPM3606 Rev. 1.0
www.MonolithicPower.com
3
8/11/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN=12V, TJ=-40°C to +125°C
(7), typical value is tested at TJ=+25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Supply Current (Shutdown)
IIN
VEN = 0V,TJ=25°C
1
μA
VFB = 1V, VAAM=0.5V
0.2
Supply Current (Quiescent)
Iq
VFB = 1V, VAAM=5V
0.7
mA
HS Switch-On Resistance
HSRDS-ON VBST-SW=5V
100
mΩ
LS Switch-On Resistance
LSRDS-ON VCC =5V
50
mΩ
Inductor DC Resistance
LDCR
60
mΩ
Switch Leakage
SWLKG
VEN = 0V, VSW =12V
1
μA
Current Limit
(8)
ILIMIT
Under 40% Duty Cycle
1.8
2.4
A
VFB=0.75V, TJ=+25°C
1700
2000
2400
kHz
Oscillator Frequency
fSW
VFB=0.75V,TJ=-40°C to +125°C
1500
2000
2500
kHz
Fold-Back Frequency
fFB
VFB<400mV
0.3
fSW
Maximum Duty Cycle
DMAX
VFB=700mV
80
85
%
Minimum On Time
(8)
τON_MIN
35
ns
TJ=+25°C
786
798
810
mV
Feedback Voltage
VFB
TJ=-40°C to +125°C
782
798
814
mV
Feedback Current
IFB
VFB=820mV
10
50
nA
TJ=+25°C
5.6
6.2
6.8
μA
AAM Source Current
IAAM
TJ=-40°C to +125°C
4.3
6.2
7.9
μA
EN Rising Threshold
VEN_RISING
1.15
1.4
1.65
V
EN Falling Threshold
VEN_FALLING
1.05
1.25
1.45
V
EN Input Current
IEN
VEN=2V
2
μA
VIN Under-Voltage Lockout
Threshold—Rising
INUVVth
3.65
3.9
4.15
V
VIN Under-Voltage Lockout
Threshold—Hysteresis
INUVHYS
650
mV
VCC Regulator
VCC
4.9
V
VCC Load Regulation
ICC=5mA
1.5
%
Soft-Start Time
tSS
VOUT from 10% to 90%
1.5
ms
Thermal Shutdown
(8)
150
°C
Thermal Hysteresis
(8)
20
°C
Notes:
7) Not tested in production; guaranteed by over-temperature correlation.
8) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com