Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3620 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPM3620
Description  24V Input 2A Module Synchronous Step-Down Converter with Integrated Inductor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3620 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPM3620 Datasheet HTML 1Page - Monolithic Power Systems MPM3620 Datasheet HTML 2Page - Monolithic Power Systems MPM3620 Datasheet HTML 3Page - Monolithic Power Systems MPM3620 Datasheet HTML 4Page - Monolithic Power Systems MPM3620 Datasheet HTML 5Page - Monolithic Power Systems MPM3620 Datasheet HTML 6Page - Monolithic Power Systems MPM3620 Datasheet HTML 7Page - Monolithic Power Systems MPM3620 Datasheet HTML 8Page - Monolithic Power Systems MPM3620 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MPM3620 – SYNCHRONOUS STEP-DOWN MODULE WITH INTEGRATED INDUCTOR
MPM3620 Rev. 1.1
www.MonolithicPower.com
3
2/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS
(1)
VIN ................................................ -0.3V to 28V
VOUT ............................................... -0.3V to 28V
VSW ....................................................................
-0.3V (-5V for <10ns) to 28V (30V for <10ns)
VBST ...................................................... VSW+6V
All Other Pins............................... -0.3V to 6V (2)
Continuous Power Dissipation (TA = +25°C)
(3)
............................................................2.7W
Junction Temperature.............................. 150°C
Lead Temperature ................................... 260°C
Storage Temperature................. -65°C to 150°C
Recommended Operating Conditions
(4)
Supply Voltage VIN .......................... 4.5V to 24V
Output Voltage VOUT.............. 0.8V to VIN*DMAX
(5)
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(6)
θJA
θJC
QFN-20 (3mmx5mmx1.6mm)... 46 ...... 10... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) For additional details on EN pin’s ABS MAX rating, please
refer to the “Enable Control” section on page 14.
3) The maximum power dissipation is a function of the maximum
junction temperature TJ (MAX), the junction-to-ambient
thermal resistance θJA, and the ambient temperature TA. The
maximum continuous power dissipation at any ambient
temperature is calculated by PD (MAX) = (TJ (MAX)-TA)/θJA.
Exceeding the maximum allowable power dissipation will
produce an excessive die temperature, causing the converter
to go into thermal shutdown. Internal thermal shutdown
circuitry protects the device from permanent damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) In practical design, the minimum VOUT is limited by the
minimum on-time. To allow a margin, a 50ns on-time is
recommended for calculating. To set the output voltage above
5.5V, please refer to the application information on page 17.
6) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com