Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3620 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPM3620
Description  24V Input 2A Module Synchronous Step-Down Converter with Integrated Inductor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3620 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPM3620 Datasheet HTML 1Page - Monolithic Power Systems MPM3620 Datasheet HTML 2Page - Monolithic Power Systems MPM3620 Datasheet HTML 3Page - Monolithic Power Systems MPM3620 Datasheet HTML 4Page - Monolithic Power Systems MPM3620 Datasheet HTML 5Page - Monolithic Power Systems MPM3620 Datasheet HTML 6Page - Monolithic Power Systems MPM3620 Datasheet HTML 7Page - Monolithic Power Systems MPM3620 Datasheet HTML 8Page - Monolithic Power Systems MPM3620 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MPM3620
24V Input 2A Module
Synchronous Step-Down Converter
with Integrated Inductor
MPM3620 Rev. 1.1
www.MonolithicPower.com
1
2/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MPM3620 is a synchronous rectified, step-
down module converter with built-in power
MOSFETs, inductor, and two capacitors. It
offers a compact solution that requires only 5
external
components
to
achieve
a
2A
continuous output current with excellent load
and line regulation over a wide input-supply
range. Also, it provides fast load transient
response. An external AAM pin provides
selectable power-save mode and forced PWM
mode.
Full protection features include over-current
protection(OCP) and thermal shut down(TSD).
MPM3620 eliminates design and manufacturing
risks while dramatically improving time-to-
market.
The MPM3620 is available in a space-saving
QFN-20 (3mmx5mmx1.6mm) package.
FEATURES
• 4.5V-to-24V Operating Input Range
• 2A Continuous Load Current
• 200μA Low Quiescent Current
• 90mΩ/40mΩ Low RDS(ON) Internal Power
MOSFETs
• Integrated Inductor
• Integrated VCC and Bootstrap Capacitors
• External AAM for Power-Save Mode
Programming
• Over-Current Protection and Hiccup
• Thermal Shutdown
• Output Adjustable from 0.8V
• Available in QFN-20 (3mmx5mmx1.6mm)
Package
• Total solution size 6.7mmx6.3mm
APPLICATIONS
• Industrial Controls
• Medical and Imaging Equipment
• Telecom and Networking Applications
• LDO Replacement
• Space and Resource-limited Applications
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
Efficiency vs. Load Current
VOUT =3.3V
LOAD CURRENT (A)
30
40
50
60
70
80
90
100
0.01
0.1
1
10
12VIN
19VIN
24VIN


Similar Part No. - MPM3620

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM3620A MPS-MPM3620A Datasheet
820Kb / 24P
24 V/2 A DC/DC Module Synchronous Step-Down Converter with Integrated Inductor
MPM3620AGQV MPS-MPM3620AGQV Datasheet
820Kb / 24P
24 V/2 A DC/DC Module Synchronous Step-Down Converter with Integrated Inductor
More results

Similar Description - MPM3620

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3282 EUTECH-EUP3282 Datasheet
107Kb / 1P
2A, 24V, 340KHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
2A, 24V Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Monolithic Power System...
MPM3606 MPS-MPM3606 Datasheet
764Kb / 18P
21V Input, 0.6A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3610 MPS-MPM3610 Datasheet
846Kb / 23P
21V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3805 MPS-MPM3805 Datasheet
890Kb / 16P
6V Input, 0.6A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3820 MPS-MPM3820 Datasheet
1Mb / 17P
6V Input, 2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3830 MPS-MPM3830 Datasheet
1Mb / 17P
6V Input, 3A Module Synchronous Step-Down Converter with Integrated Inductor
logo
ACE Technology Co., LTD...
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com