Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3620 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPM3620
Description  24V Input 2A Module Synchronous Step-Down Converter with Integrated Inductor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3620 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPM3620 Datasheet HTML 9Page - Monolithic Power Systems MPM3620 Datasheet HTML 10Page - Monolithic Power Systems MPM3620 Datasheet HTML 11Page - Monolithic Power Systems MPM3620 Datasheet HTML 12Page - Monolithic Power Systems MPM3620 Datasheet HTML 13Page - Monolithic Power Systems MPM3620 Datasheet HTML 14Page - Monolithic Power Systems MPM3620 Datasheet HTML 15Page - Monolithic Power Systems MPM3620 Datasheet HTML 16Page - Monolithic Power Systems MPM3620 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
MPM3620 – SYNCHRONOUS STEP-DOWN MODULE WITH INTEGRATED INDUCTOR
MPM3620 Rev. 1.1
www.MonolithicPower.com
13
2/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The
MPM3620
is
a
high-frequency,
synchronous, rectified, step-down, switch-mode
converter
with
built-in
power
MOSFETs,
inductor, and two capacitors. It offers a compact
solution that achieves a 2A continuous output
current with excellent load and line regulation
over a 4.5V to 24V input-supply range.
The MPM3620 has three working modes:
advanced asynchronous modulation (AAM),
similar to PFM mode, discontinuous conduction
mode (DCM), and continuous conduction mode
(CCM). The load current increases as the
device transitions from AAM mode to DCM to
CCM. If AAM is floated or pulled high (>2.5V),
the MPM3620 operates in CCM.
AAM Control Operation
In a light-load condition, MPM3620 operates in
AAM mode (see Figure 2). Connect a resistor
from AAM to GND to set VAAM. VCOMP is the
error-amplifier output, which represents the
peak inductor current information. When VCOMP
is lower than VAAM, the internal clock is blocked.
This causes the MPM3620 to skip pulses,
achieving the light-load power save. Refer to
AN032 for additional details.
The internal clock re-sets every time VCOMP
exceeds VAAM. Simultaneously, the high-side
MOSFET (HS-FET) turns on and remains on
until VILsense reaches the value set by VCOMP.
Figure 2. Simplified AAM Control Logic
DCM Control Operation
The VCOMP ramps up as the output current
increases. When its minimum value exceeds
VAAM, the device enters DCM. In this mode the
internal 2MHz clock initiates the PWM cycle,
the HS-FET turns on and remains on until
VILsense reaches the value set by VCOMP (after a
period of dead time), and then the low-side
MOSFET (LS-FET) turns on and remains on
until the inductor-current value decreases to
zero. The device repeats the same operation in
every clock cycle to regulate the output voltage
(see Figure 3).
Figure 3. DCM Control Operation
CCM Control Operation
The device enters CCM from DCM once the
inductor current no longer drops to zero in a
clock cycle. In CCM, the internal 2MHz clock
initiates the PWM cycle, the HS-FET turns on
and remains on until VILsense reaches the value
set by VCOMP (after a period of dead time), and
then the LS-FET turns on and remains on until
the next clock cycle starts. The device repeats
the same operation in every clock cycle to
regulate the output voltage.
If VILsense does not reach the value set by VCOMP
within 77% of one PWM period, the HS-FET will
be forced off.
Internal VCC Regulator
A 5V internal regulator powers most of the
internal circuitries. This regulator takes VIN and
operates in the full VIN range. When VIN
exceeds 5V, the output of the regulator is in full
regulation. If VIN is less than 5V, the output
decreases. The device integrates an internal
decoupling capacitor, so adding an external
VCC output capacitor is unnecessary.
Error Amplifier (EA)
The error amplifier compares the FB voltage to
the internal 0.798V reference (VREF) and
outputs a current proportional to the difference
between the two. This output current then
charges
or
discharges
the
internal
compensation network to form the COMP
voltage; the COMP voltage controls the power
MOSFET current. The optimized, internal
compensation network minimizes the external
component count and simplifies control loop
design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com