Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3620 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MPM3620
Description  24V Input 2A Module Synchronous Step-Down Converter with Integrated Inductor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3620 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPM3620 Datasheet HTML 1Page - Monolithic Power Systems MPM3620 Datasheet HTML 2Page - Monolithic Power Systems MPM3620 Datasheet HTML 3Page - Monolithic Power Systems MPM3620 Datasheet HTML 4Page - Monolithic Power Systems MPM3620 Datasheet HTML 5Page - Monolithic Power Systems MPM3620 Datasheet HTML 6Page - Monolithic Power Systems MPM3620 Datasheet HTML 7Page - Monolithic Power Systems MPM3620 Datasheet HTML 8Page - Monolithic Power Systems MPM3620 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
MPM3620 – SYNCHRONOUS STEP-DOWN MODULE WITH INTEGRATED INDUCTOR
MPM3620 Rev. 1.1
www.MonolithicPower.com
5
2/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 12V, VOUT = 3.3V, TA = 25°C, unless otherwise noted.
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
Load Regulation
VOUT =5V
Efficiency vs. Load Current
VOUT =3.3V
Efficiency vs. Load Current
VOUT =2.5V
Load Regulation
VOUT =2.5V
Load Regulation
VOUT =3.3V
Load Regulation
VOUT =1.8V
Efficiency vs. Load Current
VOUT =1.2V
Efficiency vs. Load Current
VOUT =1.8V
LOAD CURRENT (A)
LOAD CURRENT (A)
LOAD CURRENT (A)
LOAD CURRENT (A)
LOAD CURRENT (A)
LOAD CURRENT (A)
LOAD CURRENT (A)
LOAD CURRENT (A)
LOAD CURRENT (A)
Efficiency vs. Load Current
VOUT =5V
70
75
80
85
90
95
100
0.01
0.1
1
10
-1
-0.5
0
0.5
1
0
0.5
1
1.5
2
30
40
50
60
70
80
90
100
0.01
0.1
1
10
-1
-0.5
0
0.5
1
0
0.5
1
1.5
2
50
60
70
80
90
100
0.01
0.1
1
10
-1
-0.5
0
0.5
1
0
0.5
1
1.5
2
40
50
60
70
80
90
100
0.01
0.1
1
10
-1
-0.5
0
0.5
1
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
12VIN
19VIN
24VIN
12VIN
19VIN
24VIN
12VIN
5VIN
19VIN
24VIN
12VIN
5VIN
19VIN
24VIN
12VIN
5VIN
19VIN
12VIN
5VIN
19VIN
24VIN
5VIN
24VIN
19VIN
12VIN
5VIN
19VIN
12VIN
5VIN
12VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com