Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3620 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPM3620
Description  24V Input 2A Module Synchronous Step-Down Converter with Integrated Inductor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3620 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPM3620 Datasheet HTML 7Page - Monolithic Power Systems MPM3620 Datasheet HTML 8Page - Monolithic Power Systems MPM3620 Datasheet HTML 9Page - Monolithic Power Systems MPM3620 Datasheet HTML 10Page - Monolithic Power Systems MPM3620 Datasheet HTML 11Page - Monolithic Power Systems MPM3620 Datasheet HTML 12Page - Monolithic Power Systems MPM3620 Datasheet HTML 13Page - Monolithic Power Systems MPM3620 Datasheet HTML 14Page - Monolithic Power Systems MPM3620 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
MPM3620 – SYNCHRONOUS STEP-DOWN MODULE WITH INTEGRATED INDUCTOR
MPM3620 Rev. 1.1
www.MonolithicPower.com
11
2/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
FB
Feedback. Connect FB to the tap of an external resistor divider from the output to
AGND to set the output voltage. To prevent current-limit runaway during a short-circuit
fault, the frequency foldback comparator lowers the oscillator frequency when the FB
voltage is below 400mV. Place the resistor divider as close as possible to FB. Avoid
placing vias on the FB traces.
2
VCC
Internal 5V LDO Output. The module integrates a LDO output capacitor, so there is no
need to add an external capacitor.
3
AGND
Analog Ground. Reference ground of logic circuit. AGND is connected internally to
PGND, so there is no need to add any external connections to PGND.
4, 5, 6
SW
Switch Output. A large copper plane is recommended on pins 4, 5, and 6 to improve
thermal performance.
7, 8, 9
OUT
Power Output. Connect load to OUT. An output capacitor is needed.
10, 15,
19, 20
NC
No Connection. DO NOT CONNECT. NC must be left floating.
11
BST
Bootstrap. A bootstrap capacitor is integrated internally, so an external connection is
not needed.
12, 13, 14
PGND
Power Ground. Reference ground of the power device. PCB layout requires extra care
(please see recommended “PCB Layout Guidelines” on page 19). For best results,
connect to PGND with copper and vias.
16
IN
Supply Voltage. IN supplies power for the internal MOSFET and regulator. The
MPM3620 operates from a +4.5V to +24V input rail. It requires a low ESR and low-
inductance capacitor to decouple the input rail. Place the input capacitor very close to
IN and connect it with wide PCB traces and multiple vias.
17
EN
Enable. EN=high to enable the module. Leave EN floating or connect it to GND to
disable the module.
18
AAM
Advanced Asynchronous Modulation. AAM sources a 6.2μA current from an internal
5V supply. Float AAM or drive AAM high (>2.5V) to force the MPM3620 to operate in
continuous conduction mode (CCM). If AAM mode is required under light load, connect
a resistor to ground to program AAM voltage in the range of 0V to1V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com