Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8758HGL Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP8758HGL
Description  High-Current, 10A, 22V, Synchronous Step-Down Converter with Hiccup OCP, PFM/PWM Mode Selection, and Auto-Retry Thermal Shutdown
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8758HGL Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP8758HGL Datasheet HTML 15Page - Monolithic Power Systems MP8758HGL Datasheet HTML 16Page - Monolithic Power Systems MP8758HGL Datasheet HTML 17Page - Monolithic Power Systems MP8758HGL Datasheet HTML 18Page - Monolithic Power Systems MP8758HGL Datasheet HTML 19Page - Monolithic Power Systems MP8758HGL Datasheet HTML 20Page - Monolithic Power Systems MP8758HGL Datasheet HTML 21Page - Monolithic Power Systems MP8758HGL Datasheet HTML 22Page - Monolithic Power Systems MP8758HGL Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
MP8758H–22V, HIGH-CURRENT SYNCHRONOUS BUCK CONVERTER
MP8758H Rev.1.0
www.MonolithicPower.com
21
10/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Design Example
Table 2 is a design example following the
application guidelines for the specifications
below:
Table 2 : Design Example
VOUT
(V)
Cout
(F)
L
(μH)
R4
(Ω)
C4
(F)
R1
(kΩ)
R2
(kΩ)
1.05
22μx3
1.2
NS
220p
59
82
1.2
22μx3
1.2
NS
220p
100
100
1.35
22μx3
1.2
NS
220p
100
82
3.3
22µx4
2
1M
220p
88.7
18
5
22µx4
2
1M
220p
150
18
The detailed application schematics for 1.2V
and 5V application (when low ESR capacitors
are applied) are shown in Figure 14 and Figure
15. The typical performance and circuit
waveforms
are
shown
in
the
Typical
Performance Characteristics section. For more
device applications, please refer to the related
evaluation board datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com