Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8758HGL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8758HGL
Description  High-Current, 10A, 22V, Synchronous Step-Down Converter with Hiccup OCP, PFM/PWM Mode Selection, and Auto-Retry Thermal Shutdown
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8758HGL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8758HGL Datasheet HTML 1Page - Monolithic Power Systems MP8758HGL Datasheet HTML 2Page - Monolithic Power Systems MP8758HGL Datasheet HTML 3Page - Monolithic Power Systems MP8758HGL Datasheet HTML 4Page - Monolithic Power Systems MP8758HGL Datasheet HTML 5Page - Monolithic Power Systems MP8758HGL Datasheet HTML 6Page - Monolithic Power Systems MP8758HGL Datasheet HTML 7Page - Monolithic Power Systems MP8758HGL Datasheet HTML 8Page - Monolithic Power Systems MP8758HGL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MP8758H
High-Current, 10A, 22V, Synchronous
Step-Down Converter with Hiccup OCP, PFM/PWM
Mode Selection, and Auto-Retry Thermal Shutdown
MP8758H Rev.1.0
www.MonolithicPower.com
1
10/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8758H is a fully integrated, high-
frequency, synchronous, rectified, step-down
converter. It offers a very compact solution to
achieve a 10A output current with excellent load
and line regulation over a wide input supply
range.
The MP8758H employs a constant-on-time
(COT) control scheme, which provides fast
transient response and eases loop stabilization.
The COT control scheme provides a seamless
transition into PFM mode at light-load operation,
which boosts light-load efficiency.
An open-drain power good signal indicates that
the output voltage is within its nominal voltage
range.
Full protection features include over-current
protection (OCP), over-voltage and under-voltage
protection (OVP, UVP), and thermal shutdown.
The MP8758H requires a minimal number of
readily available, external components and is
available in a QFN-21 (3mmx4mm) package.
FEATURES
• Wide 4.5V to 22V Operating Input Range
• 10A Continuous Output Current
• Low RDS(ON) Internal Power MOSFETs
• Proprietary Switching Loss Reduction
• Internal Soft Start
• Output Discharge
• 500kHz Switching Frequency
• PFM/PWM Mode Selection
• Hiccup Mode, OCP, OVP, and UVP
• Auto-Retry Thermal Shutdown
• Output Adjustable from 0.604V
APPLICATIONS
•
Set-Top Boxes and Multi-Function Printers
•
Flat-Panel Televisions and Monitors
•
Distributed Power Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality
Assurance. “MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
LOAD CURRENT(A)
Efficiency vs.
Output Current
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
VIN=12V
VIN=22V
VIN=4.5V


Similar Part No. - MP8758HGL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8758HGL MPS-MP8758HGL Datasheet
603Kb / 8P
22V, 10A, High Current Synchronous Buck Converter
More results

Similar Description - MP8758HGL

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC6377 IMPALA-ILC6377 Datasheet
684Kb / 11P
0.5A, 300KHZ, SO-8 PWM/PFM STEP DOWN CONVERTER WITH SHUTDOWN
logo
Anachip Corp
AP1604 ANACHIP-AP1604 Datasheet
202Kb / 7P
PWM/PFM Dual Mode Step-down DC/DC Converter
Rev.1.1 Jun. 27, 2005
logo
Fairchild Semiconductor
ILC6376 FAIRCHILD-ILC6376 Datasheet
114Kb / 12P
0.5A, 300kHz, SO-8 PWM/PFM Step Down Converter with Shutdown
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
logo
Exar Corporation
XRP6658 EXAR-XRP6658 Datasheet
541Kb / 11P
1A 1.5MHz PFM/PWM Synchronous Step-Down Converter
XR79110 EXAR-XR79110 Datasheet
1Mb / 20P
22V, 10A Synchronous Step Down COT Power Module
XR79110 EXAR-XR79110_17 Datasheet
1Mb / 19P
22V, 10A Synchronous Step Down COT Power Module
logo
Monolithic Power System...
EV8758H-L-00A MPS-EV8758H-L-00A Datasheet
603Kb / 8P
22V, 10A, High Current Synchronous Buck Converter
logo
TECHCODE SEMICONDUCTOR,...
TD2776B TECHCODE-TD2776B Datasheet
935Kb / 14P
22V Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com