Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8758HGL Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP8758HGL
Description  High-Current, 10A, 22V, Synchronous Step-Down Converter with Hiccup OCP, PFM/PWM Mode Selection, and Auto-Retry Thermal Shutdown
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8758HGL Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP8758HGL Datasheet HTML 10Page - Monolithic Power Systems MP8758HGL Datasheet HTML 11Page - Monolithic Power Systems MP8758HGL Datasheet HTML 12Page - Monolithic Power Systems MP8758HGL Datasheet HTML 13Page - Monolithic Power Systems MP8758HGL Datasheet HTML 14Page - Monolithic Power Systems MP8758HGL Datasheet HTML 15Page - Monolithic Power Systems MP8758HGL Datasheet HTML 16Page - Monolithic Power Systems MP8758HGL Datasheet HTML 17Page - Monolithic Power Systems MP8758HGL Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
MP8758H–22V, HIGH-CURRENT SYNCHRONOUS BUCK CONVERTER
MP8758H Rev.1.0
www.MonolithicPower.com
14
10/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Operating with External Ramp Compensation
Usually, the MP8758H is able to support ceramic
output capacitors without an external ramp. In
some cases, the internal ramp may not be
enough to stabilize the system, and external
ramp compensation is needed. Please refer to
the Application Information section on page 17
for
design
steps
with
external
ramp
compensation.
R1
R2
Ceramic
SW
FB
Vo
L
R4
C4
IR4
IC4
I FB
R8
Figure 7: Simplified Circuit in PWM Mode with
External Ramp Compensation
Figure 7 shows a simplified external ramp
compensation (R4 and C4) for PWM mode.
Chose R1, R2, R8, and C4 of the external ramp
to meet the condition shown in Equation (3) and
Equation (4):
12
8
SW
4
1
2
RR
11
R
2F
C
5
R
R
⎛⎞
×
<×
+
⎜⎟
π×
×
+
⎝⎠
(3)
R4
C4
FB
C4
II
I
I
=+
≈
(4)
VRAMP on VFB can then be estimated with
Equation (5):
IN
OUT
12
RAMP
ON
44
1
2
8
VV
R//R
VT
RC
R // R
R
−
=×
×
×+
(5)
The downward slope of the VFB ripple can be
estimated with Equation (6):
−
−
==
×
OUT
RAMP
SLOPE1
off
4
4
V
V
V
TR
C
(6)
If there is instability in PWM mode, either R4 or
C4 can be reduced. If C4 cannot be reduced
further due to limitation from Equation (3), then
only R4 can be reduced. For stable PWM
operation, estimate Vslope1 with Equation (7):
SW
ON
-3
ESR
OUT
slope1
OUT
OUT
SW
on
TT
+-R
C
Io 10
0.7 π
2
-V
V
+
2L C
T -T
×
×
≥
××
(7)
Where Io is the load current.
In skip mode, the downward slope of the VFB
ripple is the same whether the external ramp is
used or not. Figure 8 shows the simplified circuit
in skip mode when both the HS-FET and the LS-
FET are off.
R1
R2
ESR
Cout
FB
Vo
Ro
Figure 8: Simplified Circuit in Skip Mode
The downward slope of the VFB ripple in skip
mode can be determined with Equation (8):
()
REF
SLOPE2
12
OUT
V
V
(R
R // Ro) C
−
=
+×
(8)
Where Ro is the equivalent load resistor.
As described in Figure 5, VSLOPE2 in skip mode is
lower than it is in PWM mode, and the jitter is
larger as well. For a system with less jitter during
a light-load condition, the values of the VFB
resistors should not be too large. However, this
will decrease the light-load efficiency.
EN Control
The regulator turns on when EN is high and turns
off when EN is low.
For automatic start-up, pull EN up to the input
voltage through a resistive voltage divider.
Choose the values of the pull-up resistor (RUP
from VIN to EN) and the pull-down resistor
(RDOWN from EN to GND) to determine the
automatic start-up voltage using Equation (9):
UP
DOWN
IN START
DOWN
RR
V1.25
(V)
R
−
+
=×
(9)
For example, if RUP = 150kΩ and RDOWN = 51kΩ,
then
−
IN START
V
is 4.93V.
A 10nF ceramic capacitor from EN to GND is
recommended to avoid noise.
There is an internal Zener diode on EN, which
clamps the EN voltage to prevent runaway. EN is
clamped internally using a 12V Zener diode,
which limits the pull-up current to a maximum of
1mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com