Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8758HGL Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP8758HGL
Description  High-Current, 10A, 22V, Synchronous Step-Down Converter with Hiccup OCP, PFM/PWM Mode Selection, and Auto-Retry Thermal Shutdown
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8758HGL Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP8758HGL Datasheet HTML 4Page - Monolithic Power Systems MP8758HGL Datasheet HTML 5Page - Monolithic Power Systems MP8758HGL Datasheet HTML 6Page - Monolithic Power Systems MP8758HGL Datasheet HTML 7Page - Monolithic Power Systems MP8758HGL Datasheet HTML 8Page - Monolithic Power Systems MP8758HGL Datasheet HTML 9Page - Monolithic Power Systems MP8758HGL Datasheet HTML 10Page - Monolithic Power Systems MP8758HGL Datasheet HTML 11Page - Monolithic Power Systems MP8758HGL Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
MP8758H–22V, HIGH-CURRENT SYNCHRONOUS BUCK CONVERTER
MP8758H Rev.1.0
www.MonolithicPower.com
8
10/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 1.2V, L = 1.2µH, TA = +25°C, unless otherwise noted.
VPG
5V/div.
VEN
5V/div.
VOUT
500mV/div.
VSW
10V/div.
IINDUCTOR
10A/div.
VIN
5V/div.
VOUT/AC
50mV/div.
VSW
5V/div.
IINDUCTOR
2A/div.
VIN
5V/div.
VOUT/AC
20mV/div.
VSW
5V/div.
IINDUCTOR
2A/div.
VIN
5V/div.
VOUT/AC
20mV/div.
VSW
5V/div.
IINDUCTOR
10A/div.
VOUT
50mV/div.
IOUT
5A/div.
VIN
10V/div.
VOUT
500mV/div.
VSW
5V/div.
IINDUCTOR
10A/div.
VIN
10V/div.
VOUT
500mV/div.
VSW
5V/div.
IINDUCTOR
10A/div.
VPG
5V/div.
VEN
5V/div.
VOUT
500mV/div.
VSW
10V/div.
IINDUCTOR
10A/div.
VEN
5V/div.
VOUT
500mV/div.
VSW
5V/div.
IINDUCTOR
2A/div.
Shutdown through EN
IOUT=0A, PFM
Shutdown through EN
IOUT=0A, PWM
Shutdown through EN
IOUT=10A
Output Voltage Ripple
IOUT=0A, PWM
Output Voltage Ripple
IOUT=0A, PFM
Output Voltage Ripple
IOUT=10A
Load Transient Response
IOUT=5A to 10A
Short-Circuit Entry
IOUT=10A
Short-Circuit Recovery
IOUT=10A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com