Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8758HGL Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8758HGL
Description  High-Current, 10A, 22V, Synchronous Step-Down Converter with Hiccup OCP, PFM/PWM Mode Selection, and Auto-Retry Thermal Shutdown
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8758HGL Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8758HGL Datasheet HTML 1Page - Monolithic Power Systems MP8758HGL Datasheet HTML 2Page - Monolithic Power Systems MP8758HGL Datasheet HTML 3Page - Monolithic Power Systems MP8758HGL Datasheet HTML 4Page - Monolithic Power Systems MP8758HGL Datasheet HTML 5Page - Monolithic Power Systems MP8758HGL Datasheet HTML 6Page - Monolithic Power Systems MP8758HGL Datasheet HTML 7Page - Monolithic Power Systems MP8758HGL Datasheet HTML 8Page - Monolithic Power Systems MP8758HGL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MP8758H–22V, HIGH-CURRENT SYNCHRONOUS BUCK CONVERTER
MP8758H Rev.1.0
www.MonolithicPower.com
5
10/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TJ = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
VCC Regulator
VCC regulator
VCC
4.8
5.1
5.3
V
VCC load regulation
Icc = 8mA
2
%
Mode Selection
Mode high level
VCC-
0.4V
V
Mode low level
0.4V
V
Mode internal pull-up resistor
1
MΩ
Power Good
FB rising (good)
PGVth-Hi
95
FB falling (fault)
PGVth-Lo
85
FB rising (fault)
PGVth-Hi
115
FB falling (good)
PGVth-Lo
105
%VREF
Power-good low to high delay
PGTd
800
μs
Power-good sink-current
capability
VPG
Sink 4mA
0.4
V
Power good leakage current
IPG_LEAK
VPG = 3.3V
1
μA
Thermal Protection
Thermal shutdown
(6)
TSD
150
°C
Thermal shutdown hysteresis
(6)
25
°C
NOTE:
6) Guaranteed by design and engineering sample characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com