Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5321ARKZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5321ARKZ-R7
Description  RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5321ARKZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5321ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2.3 GHz to 4.0 GHz
¼ Watt RF Driver Amplifier
Data Sheet
ADL5321
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Operation: 2.3 GHz to 4.0 GHz
Gain of 14.0 dB at 2.6 GHz
OIP3 of 41.0 dBm at 2.6 GHz
P1dB of 25.7 dBm at 2.6 GHz
Noise figure: 4.0 dB at 2.6 GHz
Power supply voltage: 3.3 V to 5 V
Power supply current: 37 mA to 90 mA
Dynamically adjustable bias
No bias resistor required
Thermally efficient, MSL-1 rated SOT-89 package
Operating temperature range: −40°C to +105°C
ESD rating of ±2 kV (Class 3A)
APPLICATIONS
Wireless infrastructure
Automated test equipment
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
ISM/AMR applications
GENERAL DESCRIPTION
The ADL5321 incorporates a dynamically adjustable biasing
circuit that allows for the customization of OIP3 and P1dB
performance from 3.3 V to 5 V without the need for an external
bias resistor. This feature gives the designer the ability to tailor
driver amplifier performance to the specific needs of the design.
This feature also creates the opportunity for dynamic biasing of
the driver amplifier, where a variable supply is used to allow for
full 5 V biasing under large signal conditions and then can
reduce the supply voltage when signal levels are smaller and
lower power consumption is desirable. This scalability reduces
the need to evaluate and inventory multiple driver amplifiers
for different output power requirements from 22 dBm to
26 dBm output power levels.
The ADL5321 is also rated to operate across the wide temper-
ature range of −40°C to +105°C for reliable performance in
designs that experience higher temperatures, such as power
amplifiers. The ¼ watt driver amplifier covers the 2.3 GHz to
4.0 GHz wide frequency range and only requires a few external
components to be tuned to a specific band within that wide
range. This high performance, broadband RF driver amplifier
is well suited for a variety of wired and wireless applications
including cellular infrastructure, ISM band power amplifiers,
defense equipment, and instrumentation equipment. A fully
populated evaluation board is available.
The ADL5321 also delivers excellent adjacent channel leakage
ratio (ACLR) vs. POUT. For output powers up to 10 dBm rms, the
ADL5321 adds very little distortion to the output spectrum. At
2.6 GHz, the ACLR is −59 dB and a relative constellation error of
−46.6 dB (<0.5% EVM) at an output power of 10 dBm rms.
Figure 2. WiMAX 64 QAM, 10 MHz Bandwidth, Single Carrier
RFIN
GND
RFOUT
1
2
BIAS
3
GND
ADL5321
(2)
–30
–40
–50
–60
–70
–80
–90
–10
–5
0
5
10
15
20
POUT (dBm)
ADJ CH LOW 2.6 GHZ
ALT CH LOW 2.6 GHZ
ADJ CH LOW 3.5 GHZ
ALT CH UP 3.5 GHZ


Similar Part No. - ADL5321ARKZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5321ARKZ-R7 AD-ADL5321ARKZ-R7 Datasheet
196Kb / 9P
2.3 GHz to 4.0 GHz RF Driver Amplifier
Jan-2008
ADL5321ARKZ-R7 AD-ADL5321ARKZ-R7 Datasheet
445Kb / 16P
2.3 GHz to 4.0 GHz RF Driver Amplifier
REV. 0
ADL5321ARKZ-R7 AD-ADL5321ARKZ-R7 Datasheet
570Kb / 16P
2.3 GHz to 4.0 GHz 쩌 Watt RF Driver Amplifier
REV. C
More results

Similar Description - ADL5321ARKZ-R7

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009560 MA-COM-MAAM-009560 Datasheet
235Kb / 4P
RF Driver Amplifier
MAAM-009560-V1 MA-COM-MAAM-009560-V1 Datasheet
235Kb / 4P
RF Driver Amplifier
MAAM-010617 MA-COM-MAAM-010617 Datasheet
418Kb / 7P
RF Driver Amplifier
MAAM-010617 MA-COM-MAAM-010617_15 Datasheet
418Kb / 7P
RF Driver Amplifier
MAAM-009286 MA-COM-MAAM-009286_15 Datasheet
812Kb / 5P
RF Driver Amplifier
MAAM-009560 MA-COM-MAAM-009560_15 Datasheet
889Kb / 5P
RF Driver Amplifier
MAAM-009563 MA-COM-MAAM-009563_15 Datasheet
855Kb / 6P
RF Driver Amplifier
logo
Analog Devices
ADL5604 AD-ADL5604_17 Datasheet
777Kb / 23P
RF Driver Amplifier
Aug-2017
ADL5605 AD-ADL5605_17 Datasheet
554Kb / 18P
RF Driver Amplifier
Sep-2017
ADL5606 AD-ADL5606_17 Datasheet
611Kb / 18P
RF Driver Amplifier
Sep-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com