Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5321ARKZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5321ARKZ-R7
Description  RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5321ARKZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5321ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADL5321
BASIC LAYOUT CONNECTIONS
The basic connections for operating the ADL5321 are shown
in Figure 28.
Table 6 lists the required matching components. Capacitors
C1, C2, C3, C4, and C7 are Murata GRM155 series (0402 size)
and Inductor L1 is a Coilcraft 0603CS series (0603 size). For all
frequency bands, the placement of C3 and C7 is critical. From
2500 MHz to 2700 MHz, the placement of C1 is also important.
Table 7 lists the recommended component placement for
various frequencies.
A 5 V dc bias is supplied through L1 that is connected to RFOUT
(Pin 3). In addition to C4, 10 nF and 10 μF power supply
decoupling capacitors are also required. The typical current
consumption for the ADL5321 is 90 mA.
Figure 28. Basic Connections
SOLDERING INFORMATION AND RECOMMENDED
PCB LAND PATTERN
Figure 29 shows the recommended land pattern for the ADL5321.
To minimize thermal impedance, the exposed paddle on the
SOT-89 package underside is soldered down to a ground plane
along with (GND) Pin 2. If multiple ground layers exist, they
should be stitched together using vias. For more information on
land pattern design and layout, refer to the AN-772 Application
Note, A Design and Manufacturing Guide for the Lead Frame
Chip Scale Package (LFCSP).
This land pattern, on the ADL5321 evaluation board, provides
a measured thermal resistance (θJA) of 35°C/W. To measure θJA,
the temperature at the top of the SOT-89 package is found with
an IR temperature gun. Thermal simulation suggests a junction
temperature 10°C higher than the top of package temperature.
With additional ambient temperature and I/O power measure-
ments, θJA could be determined.
Figure 29. Recommended Land Pattern
Table 6. Recommended Components for Basic Connections
Frequency (MHz)
C1 (pF)
C2 (pF)
C3 (pF)
C4 (pF)
C7 (pF)
L1 (nH)
2500 to 2700
1.0
10
1.2
10
Open
9.5
3400 to 3850
10
10
1.2
10
1.0
9.5
Table 7. Matching Component Spacing
Frequency (MHz)
λ1 (mils)
λ2 (mils)
λ3 (mils)
λ4 (mils)
2500 to 2700
240
75
89
325
3400 to 3850
90
35
40
416
1
2
(2)
3
ADL5321
C6 10µF
C5 10nF
C41
L11
VCC
GND
RFIN
C21
C31
RFOUT
C11
C71
λ12
λ32
λ42
λ22
1SEE TABLE 5 FOR FREQUENCY SPECIFIC COMPONENTS.
2SEE TABLE 6 FOR RECOMMENDED COMPONENT SPACING.
0.86mm
5.37mm
0.20mm
0.762mm
1.80mm
0.86mm
0.635mm
1.27mm
0.62mm
3.48mm
1.50mm
3.00mm
Rev. D | Page 11 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com