Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5321ARKZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5321ARKZ-R7
Description  RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5321ARKZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADL5321ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADL5321
Data Sheet
Rev. D | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Typical Scattering Parameters..................................................... 4
 
Absolute Maximum Ratings............................................................ 5
 
Thermal Resistance ...................................................................... 5
 
ESD Caution.................................................................................. 5
 
Pin Configuration and Function Descriptions............................. 6
 
Typical Performance Characteristics ..............................................7
 
High Temperature and 3.3 V Operation ..................................... 10
 
Basic Layout Connections ............................................................. 11
 
Soldering Information and Recommended PCB Land
Pattern.......................................................................................... 11
 
Matching Procedure................................................................... 12
 
WiMAX Operation .................................................................... 13
 
Evaluation Board ............................................................................ 14
 
Outline Dimensions ....................................................................... 16
 
Ordering Guide .......................................................................... 16
 
REVISION HISTORY
3/14—Rev. C to Rev. D
Changes to Figure 29...................................................................... 11
Updated Outline Dimensions ....................................................... 16
7/12—Rev. B to Rev. C
Change to Title.................................................................................. 1
Changes to Table 1............................................................................ 3
Replaced Table 2 ............................................................................... 4
Changes to Table 3 and Table 4 ...............................................................5
Added Figure 20; Renumbered Sequentially........................................9
Moved High Temperature and 3.3 V Operation Section and added
Figure 30 to Figure 32 .............................................................................10
Changes to Soldering Information and Recommended PCB
Land Pattern Section and changes to Figure 22.................................11
6/10—Rev. A to Rev. B
Changes to General Description Section ...................................... 1
Changes to Operating Temperature Range, Table 3 .................... 4
Added High Temperature Operation Section, Figure 27, Figure 28,
and Figure 29................................................................................... 13
Changes to Ordering Guide .......................................................... 16
2/09—Rev. 0 to Rev. A
Updated Outline Dimensions ....................................................... 15
Changes to Ordering Guide .......................................................... 15
5/08—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com