Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5321ARKZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5321ARKZ-R7
Description  RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5321ARKZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5321ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADL5321
Data Sheet
HIGH TEMPERATURE AND 3.3 V OPERATION
The
ADL5321 has excellent performance at temperatures above 85°C. At 105°C, the gain and P1dB decrease by 0.2 dB, the OIP3 decreases by
0.1 dB, and the noise figure increases by 0.31 dB compared with the data at 85°C.
Figure 25 through Figure 27 show the performance at 105°C.
Figure 22. Gain vs. Frequency and Temperature, 5 V Supply, 2.5 GHz to 2.7 GHz
Figure 23. OIP3 and P1dB vs. Frequency and Temperature,
5 V Supply, 2.5 GHz to 2.7 GHz
Figure 24. Noise Figure vs. Frequency and Temperature,
5 V Supply, 2.5 GHz to 2.7 GHz
Figure 25. Gain vs. Frequency and Temperature, 3.3 V Supply, 2.5 GHz to 2.7 GHz
Figure 26. OIP3 and P1dB vs. Frequency and Temperature,
3.3 V Supply, 2.5 GHz to 2.7 GHz
Figure 27. Noise Figure vs. Frequency and Temperature,
3.3 V Supply 2.5 GHz to 2.7 GHz
16.0
15.5
15.0
14.5
14.0
13.5
13.0
12.5
12.0
11.5
2.500
2.700
2.675
2.650
2.625
2.600
2.575
2.550
2.525
FREQUENCY (GHz)
25°C
85°C
105°C
42
41
40
39
38
37
36
35
34
32
31
30
29
28
27
26
25
24
2.500
2.700
2.675
2.650
2.625
2.600
2.575
2.550
2.525
FREQUENCY (GHz)
25°C
85°C
105°C
OIP3
P1dB
5.5
5.0
4.5
4.0
3.5
3.0
2.50
2.70
2.65
2.60
2.55
FREQUENCY (GHz)
25°C
85°C
105°C
15.0
10.0
2.500
2.525
2.700
2.675
2.650
2.625
2.600
2.575
2.555
FREQUENCY (GHz)
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
14.5
25°C
85°C
105°C
–40°C
33
26
2.500
2.525
2.700
2.675
2.650
2.625
2.600
2.575
2.555
FREQUENCY (GHz)
27
28
29
30
31
32
27
20
21
22
23
24
25
26
P1dB (25°C)
P1dB (–40°C)
P1dB (+105°C)
P1dB (+85°C)
OIP3 (+25°C)
OIP3 (–40°C)
OIP3 (+85°C)
OIP3 (+105°C)
7
5
6
4
3
2
1
2.2
2.9
2.5
2.6
2.8
2.7
2.4
2.3
FREQUENCY (GHz)
85°C
105°C
25°C
–40°C
Rev. D | Page 10 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com