Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5321ARKZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5321ARKZ-R7
Description  RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5321ARKZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5321ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 15Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
ADL5321
Figure 36. Evaluation Board Layout and Default Component Placement for
Operation from 2500 MHz to 2700 MHz (Note: C7 Is Not Placed)
Figure 37. Evaluation Board Layout and Component Placement for
Operation from 3400 MHz to 3850 MHz
10µF
C1
1.0 pF
C2
10pF
10 nF
10 pF
9.5 nH
C3
1.2 pF
1
2
(2)
3
10µF
C3
1.2 pF
C1
10 pF
C7
C2
10 pF
10 nF
10 pF
9.5 nH
1
2
(2)
3
Rev. D | Page 15 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com