Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901-IPM Datasheet(PDF) 12 Page - Linear Technology

Part # LTP5901-IPM
Description  SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPM Datasheet(HTML) 12 Page - Linear Technology

Back Button LTP5901-IPM Datasheet HTML 8Page - Linear Technology LTP5901-IPM Datasheet HTML 9Page - Linear Technology LTP5901-IPM Datasheet HTML 10Page - Linear Technology LTP5901-IPM Datasheet HTML 11Page - Linear Technology LTP5901-IPM Datasheet HTML 12Page - Linear Technology LTP5901-IPM Datasheet HTML 13Page - Linear Technology LTP5901-IPM Datasheet HTML 14Page - Linear Technology LTP5901-IPM Datasheet HTML 15Page - Linear Technology LTP5901-IPM Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
LTP5901-IPM/LTP5902-IPM
12
59012ipmfa
For more information www.linear.com/LTP5901-IPM or www.linear.com/LTP5902-IPM
spi MasTer ac characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted. (Note 13)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSSS
SPIM_SSXn Setup to the Leading Edge of
SPIM_SCK
l
tCK-30
ns
tSSH
SPIM_SSXn Hold from Trailing Edge of
SPIM_SCK
l
tCK-30
ns
tCK
SPIM_SCK Period
l
268
ns
tDIS
SPIM_MOSI Data Setup
l
30
ns
tDIH
SPIM_MOSI Data Hold
l
5
ns
tDOV
SPIM_MISO Data Valid
l
–5
30
ns
tOFF
SPIM_MISO Data Tri-State from Trailing
Edge of SPIM_SSXn
l
0
30
ns
Figure 5. SPI Master Timing - CPHA = 0
Figure 6. SPI Master Timing - CPHA = 1
59012ipm F05
SPIM_MISO
SPIM_MOSI
SPIM_SSXn
tSSS
tCK
tSSH
SPIM_SCK
CPOL = 1
CPOL = 0
tDIH
tDIS
tDOV
tOFF
59012ipm F06
SPIM_MISO
SPIM_MOSI
SPIM_SSXn
tSSS
tCK
tSSH
SPIM_SCK
CPOL = 1
CPOL = 0
tDIH
tOFF
tDIS
tDOV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com