Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901-IPM Datasheet(PDF) 32 Page - Linear Technology

Part # LTP5901-IPM
Description  SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPM Datasheet(HTML) 32 Page - Linear Technology

Back Button LTP5901-IPM Datasheet HTML 28Page - Linear Technology LTP5901-IPM Datasheet HTML 29Page - Linear Technology LTP5901-IPM Datasheet HTML 30Page - Linear Technology LTP5901-IPM Datasheet HTML 31Page - Linear Technology LTP5901-IPM Datasheet HTML 32Page - Linear Technology LTP5901-IPM Datasheet HTML 33Page - Linear Technology LTP5901-IPM Datasheet HTML 34Page - Linear Technology LTP5901-IPM Datasheet HTML 35Page - Linear Technology LTP5901-IPM Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
LTP5901-IPM/LTP5902-IPM
32
59012ipmfa
For more information www.linear.com/LTP5901-IPM or www.linear.com/LTP5902-IPM
applicaTions inForMaTion
relaTeD DocuMenTaTion
TITLE
LOCATION
DESCRIPTION
SmartMesh IP Users Guide
http://www.linear.com/docs/41880
Theory of operation for SmartMesh IP networks and motes
SmartMesh IP Mote API Guide
http://www.linear.com/docs/41886
Definitions of the applications interface commands available over
the API UART
SmartMesh IP Mote CLI Guide
http://www.linear.com/docs/41885
Definitions of the command line interface commands available
over the CLI UART
LTP5901 and LTP5902 Hardware
Integration Guide
http://www.linear.com/docs/41877
Recommended practices for designing with the LTP5901 and
LTP5902
ETERNA2 User’s Guide
http://www.linear.com/docs/42916
The ETERNA2 module user’s guide includes certification
requirements applicable to certified geographies and support
documentation enabling customer certification in additional
geographies for the LTP5901 and LTP5902
SmartMesh IP Tools Guide
http://www.linear.com/docs/42453
The user’s guide for all IP related tools, and specifically the
definition for the On-chip Application Protocol (OAP)
This product has been specifically designed to utilize
RoHS-compliant materials and to eliminate or reduce the
use of restricted materials to comply with 2011/65/EU.
The RoHS-compliant design features include:
n
RoHS-compliant solder for solder joints
n
RoHS-compliant base metal alloys
n
RoHS-compliant precious metal plating
n
RoHS-compliant cable assemblies and connector
choices
n
RoHS-compliant and 245°C reflow compatible
Note: Customers may elect to use certain types of lead-
free solder alloys in accordance with the European Com-
munity directive 2011/65/EU. Depending on the type of
solder paste chosen, a corresponding process change to
optimize reflow temperatures may be required.
SOLDERING INFORMATION
The LTP5901 and LTP5902 are suitable for both eutectic
PbSn and RoHS-6 reflow. The maximum reflow solder-
ing temperature is 260°C. A more detailed description of
layoutrecommendations,assemblyproceduresanddesign
considerations is included in the LTP5901 and LTP5902
Hardware Integration Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com