Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901-IPM Datasheet(PDF) 22 Page - Linear Technology

Part # LTP5901-IPM
Description  SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPM Datasheet(HTML) 22 Page - Linear Technology

Back Button LTP5901-IPM Datasheet HTML 18Page - Linear Technology LTP5901-IPM Datasheet HTML 19Page - Linear Technology LTP5901-IPM Datasheet HTML 20Page - Linear Technology LTP5901-IPM Datasheet HTML 21Page - Linear Technology LTP5901-IPM Datasheet HTML 22Page - Linear Technology LTP5901-IPM Datasheet HTML 23Page - Linear Technology LTP5901-IPM Datasheet HTML 24Page - Linear Technology LTP5901-IPM Datasheet HTML 25Page - Linear Technology LTP5901-IPM Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
LTP5901-IPM/LTP5902-IPM
22
59012ipmfa
For more information www.linear.com/LTP5901-IPM or www.linear.com/LTP5902-IPM
NO IPCS SPI/FLASH PROGRAMMING (NOTE 15)
TYPE
I/O
PULL DESCRIPTION
33 IPCS_MISO
TIMER16_OUT
GPIO6
2
I
O
I/O
-
-
-
SPI Flash Emulation (MISO) Master In Slave Out Port
16-Bit Timer/Counter Match Output/PWM Output
General Purpose Digital I/O
35 IPCS_MOSI
TIMER16_EXT
GPIO5
1
I
I
I/O
-
-
-
SPI Flash Emulation (MOSI) Master Out Slave In Port
External Input to 16-Bit Timer/Counter
General Purpose Digital I/O
36 IPCS_SCK
TIMER8_EXT
GPIO4
1
I
I
I/O
-
-
-
SPI Flash Emulation (SCK) Serial Clock Port
External Input to 8-Bit Timer/Counter
General Purpose Digital I/O
39 IPCS_SSn
LPTIMER_EXT
GPIO3
1
I
I
I/O
-
-
-
SPI Flash Emulation Slave Select, Active Low
External Input to Low Power Timer/Counter
General Purpose Digital I/O
51 FLASH_P_ENn
1
I
UP
Flash Program Enable, Active Low
pin FuncTions Pin functions shown in italics are currently not supported in software.
NO I2C/1-WIRE/SPI SLAVE
TYPE
I/O
PULL DESCRIPTION
47 SPIS_MISO
UARTC1_TX
1_WIRE
2
O
O
I/O
-
-
-
SPI Slave (MISO) Master In Slave Out Port
CLI UART 1 Transmit
1 Wire Master
48 SPIS_MOSI
UARTC1_RX
GPIO26
1
I
I
I/O
-
-
-
SPI Slave (MOSI) Master Out Slave In Port
CLI UART 1 Receive
General Purpose Digital I/O
49 SPIS_SCK
SCL
2
I
I/O
-
-
SPI Slave (SCK) Serial Clock Port
I2C Serial Clock
50 SPIS_SSn
SDA
2
I
I/O
-
-
SPI Slave Select, Active Low
I2C Serial Data
NO API UART
TYPE
I/O
PULL DESCRIPTION
57 UART_RX_RTSn
1 (Note 14)
I
-
UART Receive (RTS) Request to Send, Active Low
58 UART_RX_CTSn
1
O
-
UART Receive (CTS) Clear to Send, Active Low
59 UART_RX
1 (Note 14)
I
-
UART Receive
60 UART_TX_RTSn
1
O
-
UART Transmit (RTS) Request to Send, Active Low
61 UART_TX_CTSn
1 (Note 14)
I
-
UART Transmit (CTS) Clear to Send, Active Low
62 UART_TX
2
O
-
UART Transmit
Note 14: These inputs are always enabled and must be driven or pulled to
a valid state to avoid leakage.
Note 15: Embedded programming over the IPCS SPI bus is only avaliable
when RESETn is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com