Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901-IPM Datasheet(PDF) 21 Page - Linear Technology

Part # LTP5901-IPM
Description  SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPM Datasheet(HTML) 21 Page - Linear Technology

Back Button LTP5901-IPM Datasheet HTML 17Page - Linear Technology LTP5901-IPM Datasheet HTML 18Page - Linear Technology LTP5901-IPM Datasheet HTML 19Page - Linear Technology LTP5901-IPM Datasheet HTML 20Page - Linear Technology LTP5901-IPM Datasheet HTML 21Page - Linear Technology LTP5901-IPM Datasheet HTML 22Page - Linear Technology LTP5901-IPM Datasheet HTML 23Page - Linear Technology LTP5901-IPM Datasheet HTML 24Page - Linear Technology LTP5901-IPM Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LTP5901-IPM/LTP5902-IPM
21
59012ipmfa
For more information www.linear.com/LTP5901-IPM or www.linear.com/LTP5902-IPM
pin FuncTions Pin functions shown in italics are currently not supported in software.
NO GPIOs
TYPE
I/O
PULL DESCRIPTION
21 DP4 (GPIO23)
1
I/O
-
General Purpose Digital I/O
25 DP3 (GPIO22)
TIMER8_EXT
1
I/O
I
-
-
General Purpose Digital I/O
External Input to 8-Bit Timer/Counter
26 DP2 (GPIO21)
LPTIMER_EXT
1
I/O
I
-
-
General Purpose Digital I/O
External Input to Low Power Timer/Counter
28 DP0 (GPIO0)
SPIM_SS_2n
1
I/O
O
-
-
General Purpose Digital I/O
SPI Master Slave Select 2, Active Low
45 DP1 (GPIO20)
TIMER16_EXT
1
I/O
I
-
-
General Purpose Digital I/O
External Input to 16-Bit Timer/Counter
NO SPECIAL PURPOSE
TYPE
I/O
PULL DESCRIPTION
27 SLEEPn
1 (Note 14)
I
-
Deep Sleep, Active Low
46 PWM0
TIMER16_OUT
GPIO16
2
O
O
I/O
-
-
-
Pulse Width Modulator 0
16-Bit Timer/Counter Match Output/PWM Output
General Purpose Digital I/O
63 TIMEn
1 (Note 14)
I
-
Time Capture Request, Active Low
NO CLI
TYPE
I/O
PULL DESCRIPTION
31 UARTC0_TX
2
O
-
CLI UART 0 Transmit
32 UARTC0_RX
1
I
UP
CLI UART 0 Receive
NO SPI MASTER
TYPE
I/O
PULL DESCRIPTION
38 SPIM_MISO
GPIO11
1
I
I/O
-
-
SPI Master (MISO) Master In Slave Out Port
General Purpose Digital I/O
40 SPIM_MOSI
GPIO10
2
O
I/O
-
-
SPI Master (MOSI) Master Out Slave In Port
General Purpose Digital I/O
41 SPIM_SCK
GPIO9
2
O
I/O
-
-
SPI Master (SCK) Serial Clock Port
General Purpose Digital I/O
43 SPIM_SS_1n
GPIO13
1
O
I/O
-
-
SPI Master Slave Select 1, Active Low
General Purpose Digital I/O
44 SPIM_SS_0n
GPIO12
1
O
I/O
-
-
SPI Master Slave Select 0, Active Low
General Purpose Digital I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com