Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901-IPM Datasheet(PDF) 13 Page - Linear Technology

Part # LTP5901-IPM
Description  SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPM Datasheet(HTML) 13 Page - Linear Technology

Back Button LTP5901-IPM Datasheet HTML 9Page - Linear Technology LTP5901-IPM Datasheet HTML 10Page - Linear Technology LTP5901-IPM Datasheet HTML 11Page - Linear Technology LTP5901-IPM Datasheet HTML 12Page - Linear Technology LTP5901-IPM Datasheet HTML 13Page - Linear Technology LTP5901-IPM Datasheet HTML 14Page - Linear Technology LTP5901-IPM Datasheet HTML 15Page - Linear Technology LTP5901-IPM Datasheet HTML 16Page - Linear Technology LTP5901-IPM Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LTP5901-IPM/LTP5902-IPM
13
59012ipmfa
For more information www.linear.com/LTP5901-IPM or www.linear.com/LTP5902-IPM
i2c ac characTerisTics The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted. (Note 13)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSCL
SCL Frequency
184kHz Operation
92kHz Operation
l
184.3
92.2
188
94
kHz
kHz
tHD_STA
Start Hold Time (SCL from SDA)
184kHz Operation
92kHz Operation
l
1
2
µs
µs
tSU_STA
Setup Time for a Repeated Start
184kHz Operation, 750ns SCL Rise Time
92kHz Operation, 1.5µs SCL Rise Time
l
300
600
ns
ns
tHD_DAT
Data Hold Time
184kHz Operation
92kHz Operation
l
1
2
µs
µs
tSU_DAT
Data Setup Time
184kHz Operation
92kHz Operation
l
1
2
µs
µs
tSU_STO
Setup Time for Stop Condition
184kHz Operation
92kHz Operation
l
1
2
µs
µs
1-wire MasTer The
l
denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted. (Note 13)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tRSTL
Reset Low
l
527
556
584
µs
tPS
Presence Sample
l
60.1
69.4
79
µs
tBIT_PERIOD
1_WIRE Data Bit Period
l
82
86.8
92
µs
tLOW0
1_WIRE Write Data 0 Low Width
l
65
69
82
µs
tLOW1
1_WIRE Write Data 1 Low Width
l
8.2
8.7
9.2
µs
tLOWR
1_WIRE Read Data Low Width
l
8.2
8.7
9.2
µs
tRS
Read Sample from 1_WIRE Low
l
13.2
14.6
15.0
µs
Figure 7. I2C Master Timing
59012ipm F07
SCL
SDA
tHD_STA
tSU_STA
tHD_STA
tHD_DAT
tSU_DAT
tHD_DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com