Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4321 Datasheet(PDF) 6 Page - Linear Technology

Part # LT4321
Description  PoE PD with Synchronous Flyback and Ideal Diode Bridge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4321 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT4321 Datasheet HTML 2Page - Linear Technology LT4321 Datasheet HTML 3Page - Linear Technology LT4321 Datasheet HTML 4Page - Linear Technology LT4321 Datasheet HTML 5Page - Linear Technology LT4321 Datasheet HTML 6Page - Linear Technology LT4321 Datasheet HTML 7Page - Linear Technology LT4321 Datasheet HTML 8Page - Linear Technology LT4321 Datasheet HTML 9Page - Linear Technology LT4321 Datasheet HTML 10Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
dc2046aaf
DEMO MANUAL DC2046A-A
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
36
1
R5
Res, Chip, 8.2 5% 0805
NIC NRC10J8R2TRF
37
1
R6
Res, Chip, 3.3K 5% 0603
NIC NRC06J332TRF
38
1
R7
Res, Chip, 20Ω 5% 0805
VISHAY CRCW080520R0JNEA
39
1
R12
Res, Chip, 0 5% 0603
NIC NRC06ZOTRF
40
1
R13
Res, Chip, 100 5% 0603
VISHAY CRCW0603100RFKEA
41
1
R15
Res, Chip, 15 5% 0603
NIC NRC06J150TRF
42
1
R17
Res, Chip, 2k 1% 0603
NIC NRC06F2001TRF
43
1
R18
Res, Chip, 10k 5% 0603
YAGEO RC0603JR-0710KL
44
1
R21
Res, Chip, 174k 1% 0603
VISHAY CRCW0603174KFKEA
45
1
R22
Res, Chip, 107k 1% 0603
NIC NRC06F1073TRF
46
1
R27
Res, Chip, 0 5% 0402
NIC NRC04ZOTRF
47
1
R28
Res, Chip, 0 5% 0603
NIC NRC06ZOTRF
48
1
R29
Res, Chip, 52.3k 1% 0603
VISHAY CRCW060352K3FKEA
49
0
R32
Res, Chip, OPT 5% 1812
OPT
50
1
T3
XFMR, SMD Gate Drive, PE-68386NL
PULSE PE-68386NL
50
0
T3 (Alternate)
XFMR, SMD Gate Drive, EPA4271GE
PCA EPA4271GE
51
0
T4
XFMR, SMD Gate Drive, OPT
OPT
52
1
U3
IC, PoE Ideal Bridge Controller, LT4321IUF QFN16
LINEAR TECHNOLOGY LT4321IUF
DC2046A-A BOM
1
1
C2
Cap, Cer, X7R 22µF 6.3V 10% 1206
Murata GRM31CR70J226KE19
2
1
C3
Cap, Cer, X7R 22µF 6.3V 10% 1206
Murata GRM31CR70J226KE20
3
1
C4
Cap, Elec, 68µF 4V 20% 5.0X5.3
Panasonic 4SVPA68MAA
4
1
C8
Cap, Cer, U2J 1nF 630V 5% 1206
Murata GRM31A7U2J222JW31
5
1
C9
Cap, Cer, U2J 100pF 630V 5% 1206
Murata GRM31A7U2J101JW31
6
1
C16
Cap, Cer, X7R 1µF 25V 10% 0805
Murata GRM21BR71E105KA99L
7
1
C22
Cap, Cer, X7R 4.7nF 25V 10% 0603
Murata GRM18871E472KA01D
8
1
C24
Cap, Cer, X7R 0.1µF 25V 20% 0603
Murata GRM188R71E104KA01D
9
1
C25
Cap, Cer, X7R 470pF 25V 5% 0603
AVX 06033A471JAT2A
10
1
D18
Diode, Diode Inc, B0540WS-7 40V SOD323
Diode Inc B0540WS-7
11
1
E11
TP, Turret, PAD150-094 0.094"
MILL-MAX 2501-2-00-80-00-00-07-0
12
1
L1
IND, 180nH
Coilcraft DO1813P-181HC
13
1
L3
IND, CMC, 3.3mH
Würth 744 272 332
13
0
L3 (Alternate)
IND, CMC, 3.3mH
PCA EPA4411
14
1
Q2
MOSFET, N-CH, PSMN2R4-30MLD 30V LFPAK33
NXP PSMN2R4-30MLD
15
0
Q3
MOSFET, N-CH, OPT SOT23
OPT
16
1
Q4
MOSFET, N-CH, 200V TDSON-8
Infineon BSZ900N20NS3
17
1
R2
Res, Chip, 360 5% 0805
NIC NRC10J381TRF
18
1
R3
Res, Chip, 200 5% 1206
Vishay CRCW1206200RFKEA
19
1
R4
Res, Chip, 200 5% 1206
Vishay CRCW1206200RFKEA
20
1
R8
Res, Chip, 5.1 5% 1206
NIC NRC12J5R1TRF
parts list



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com