Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4321 Datasheet(PDF) 2 Page - Linear Technology

Part # LT4321
Description  PoE PD with Synchronous Flyback and Ideal Diode Bridge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4321 Datasheet(HTML) 2 Page - Linear Technology

  LT4321 Datasheet HTML 1Page - Linear Technology LT4321 Datasheet HTML 2Page - Linear Technology LT4321 Datasheet HTML 3Page - Linear Technology LT4321 Datasheet HTML 4Page - Linear Technology LT4321 Datasheet HTML 5Page - Linear Technology LT4321 Datasheet HTML 6Page - Linear Technology LT4321 Datasheet HTML 7Page - Linear Technology LT4321 Datasheet HTML 8Page - Linear Technology LT4321 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
dc2046aaf
DEMO MANUAL DC2046A-A
typical performance characteristics
Figure 2. Efficiency (End to End)
Figure 3. Output Voltage Regulation
Figure 1. Thermal Pictures, VPORT = 57V, IOUT = 6.8A
Top Side
Bottom Side
LOAD CURRENT (A)
0.7
92
90
86
82
80
76
74
88
84
78
72
4.9
3.5
6.3
dc2047a F02
7
4.2
2.1
2.8
1.4
5.6
VPORT = 42.5V
VPORT = 50V
VPORT = 57V
LOAD CURRENT (A)
0.7
3.6
3.3
3.2
3.5
3.4
3.1
4.9
3.5
6.3
dc2047a F03
7
4.2
2.1
2.8
1.4
5.6
VPORT = 42.5V
VPORT = 50V
VPORT = 57V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com