Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4321 Datasheet(PDF) 7 Page - Linear Technology

Part # LT4321
Description  PoE PD with Synchronous Flyback and Ideal Diode Bridge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4321 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT4321 Datasheet HTML 2Page - Linear Technology LT4321 Datasheet HTML 3Page - Linear Technology LT4321 Datasheet HTML 4Page - Linear Technology LT4321 Datasheet HTML 5Page - Linear Technology LT4321 Datasheet HTML 6Page - Linear Technology LT4321 Datasheet HTML 7Page - Linear Technology LT4321 Datasheet HTML 8Page - Linear Technology LT4321 Datasheet HTML 9Page - Linear Technology LT4321 Datasheet HTML 10Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
dc2046aaf
DEMO MANUAL DC2046A-A
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
21
0
R9
Res, Chip, OPT 5% 1206
OPT
22
1
R10
Res, Chip, 6.49k 1% 0603
Vishay CRCW06036K49FKEA
23
1
R11
Res, Chip, 6.81k 1% 0603
Vishay CRCW06036K81FKEA
24
1
R14
Res, Chip, 40m 1% 1206
Vishay WSL1206R0400FEA
25
0
R16
Res, Chip, OPT, Shunt, 0805
OPT
26
0
R19
Res, Chip, OPT 1% 0805
OPT
27
1
R20
Res, Chip, 35.7Ω 1% 0805
Vishay CRCW080535R7FKEA
28
0
R23
Res, Chip, OPT 5% 0603
OPT
29
1
R24
Res, Chip, 8.25k 1% 0603
Vishay CRCW06038K25FKEA
30
1
R25
Res, Chip, 47k 5% 0603
NIC NRC06J473TRF
31
1
R26
Res, Chip, 10k 5% 0603
YAGEO RC0603JR-0710KL
32
1
R30
Res, Chip, 47Ω 5% 0805
Vishay CRCW080547R0JNEA
33
0
R31
Res, Chip, OPT, Shunt, 2512
OPT
34
1
T1
XFMR, Flyback Tran, 750310743
Würth 750310743
34
0
T1 (Alternate)
XFMR, Flyback Tran, EPC3408G
PCA EPC3408G
35
0
T2
XFMR, Flyback Tran, OPT
OPT
36
1
U1
IC, PD & Switcher Controller, LT4276BIUFD QFN28
Linear Technology LT4276BIUFD
37
1
U2
OPTO, MOC207 SO8
Fairchild MOC207M
38
1
FAB, Printrd Circuit Board
Demo Circuit 2046A
parts list



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com