Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4321 Datasheet(PDF) 1 Page - Linear Technology

Part # LT4321
Description  PoE PD with Synchronous Flyback and Ideal Diode Bridge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4321 Datasheet(HTML) 1 Page - Linear Technology

  LT4321 Datasheet HTML 1Page - Linear Technology LT4321 Datasheet HTML 2Page - Linear Technology LT4321 Datasheet HTML 3Page - Linear Technology LT4321 Datasheet HTML 4Page - Linear Technology LT4321 Datasheet HTML 5Page - Linear Technology LT4321 Datasheet HTML 6Page - Linear Technology LT4321 Datasheet HTML 7Page - Linear Technology LT4321 Datasheet HTML 8Page - Linear Technology LT4321 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
dc2046aaf
DEMO MANUAL DC2046A-A
Description
LT4276, LT4321
PoE PD with Synchronous
Flyback and Ideal Diode Bridge
Demonstration circuit 2046A-A is a PoE powered device
(PD) with an isolated power supply using synchronous
flyback topology, featuring the LT®4276 and ideal diode
bridge controller (LT4321).
The LT4276 provides IEEE802.3af (PoE, Type 1),
IEEE802.3at(PoE+,Type2),andLTPoE++™PDinterfacing
and power supply control. When the PD is fully powered,
the PD interface switches power over from the power
sourcing equipment (PSE) to the switcher through an
external, low resistance, high power N-channel FET. The
highly integrated LT4276 controls a high power, small-
sized power supply that utilizes a highly efficient flyback
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
LTPoE++ is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners.
performance summary
BoarD photos
topology with synchronous rectification. The LT4321
provides further efficiency improvement by minimizing
the bridge losses.
The DC2046A-A supplies a 3.3V output at up to 6.8A. It
also demonstrates the use of an optional auxiliary power
supply input of 48V. When present, the auxiliary supply
becomes the dominant supply over PoE to provide power.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2046A-A
Specifications are at TA = 25°C
Top Side
Bottom Side
PARAMETER
CONDITIONS
VALUE
Port Voltage (VPORT)
At Ethernet Port
37V to 57V
Auxiliary Voltage
From AUX+ to AUX– Terminals
37V to 57V
Output Voltage
3.3V (Typ)
Output Current
6.8A (Max)
Output Voltage Ripple
VPORT = 42.5V, IOUT = 6.8A
25mVP-P (Typ)
Output Regulation
±0.15% (Typ)
Efficiency
VPORT = 50V, IOUT = 6.8A, End to End
90% (Typ)
Switching Frequency
250kHz (Typ)


Similar Part No. - LT4321

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4321 LINER-LT4321 Datasheet
177Kb / 12P
PoE Ideal Diode Bridge Controller
LT4321 LINER-LT4321 Datasheet
786Kb / 10P
IEEE 802.3bt Powered Device
LT4321 LINER-LT4321 Datasheet
1Mb / 12P
High Efficiency IEEE802.3bt (PoE, Type 3,40W) PD with PoE Ideal Diode Bridge
LT4321 LINER-LT4321_15 Datasheet
177Kb / 12P
PoE Ideal Diode Bridge Controller
More results

Similar Description - LT4321

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3408G-LF PCA-EPC3408G-LF Datasheet
50Kb / 1P
PoE Synchronous Flyback Transformer
EPC3410G-LF PCA-EPC3410G-LF Datasheet
40Kb / 1P
PoE Synchronous Flyback Transformer
logo
Allied Components Inter...
AEP-483SI ALLIED-AEP-483SI Datasheet
1Mb / 1P
POE SYNCHRONOUS FLYBACK TRANSFORMER
logo
PCA ELECTRONICS INC.
EPC3408G-LF PCA-EPC3408G-LF_15 Datasheet
46Kb / 1P
PoE Synchronous Flyback Transformer
EPC3409G-LF PCA-EPC3409G-LF_15 Datasheet
28Kb / 1P
PoE Synchronous Flyback Transformer
EPC3410G-LF PCA-EPC3410G-LF_15 Datasheet
28Kb / 1P
PoE Synchronous Flyback Transformer
logo
Linear Technology
LT4321 LINER-LT4321_15 Datasheet
177Kb / 12P
PoE Ideal Diode Bridge Controller
LT4276 LINER-LT4276_15 Datasheet
442Kb / 26P
LTPoE/PoE/PoE PD Forward/Flyback Controller
LT4295 LINER-LT4295 Datasheet
1Mb / 12P
High Efficiency IEEE802.3bt (PoE, Type 3,40W) PD with PoE Ideal Diode Bridge
logo
AAEON Technology
UP-POE-A20-0001 AAEON-UP-POE-A20-0001 Datasheet
520Kb / 1P
PoE Ideal Diode Bridge & PD Forward/Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com