Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4321 Datasheet(PDF) 5 Page - Linear Technology

Part # LT4321
Description  PoE PD with Synchronous Flyback and Ideal Diode Bridge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4321 Datasheet(HTML) 5 Page - Linear Technology

  LT4321 Datasheet HTML 1Page - Linear Technology LT4321 Datasheet HTML 2Page - Linear Technology LT4321 Datasheet HTML 3Page - Linear Technology LT4321 Datasheet HTML 4Page - Linear Technology LT4321 Datasheet HTML 5Page - Linear Technology LT4321 Datasheet HTML 6Page - Linear Technology LT4321 Datasheet HTML 7Page - Linear Technology LT4321 Datasheet HTML 8Page - Linear Technology LT4321 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
dc2046aaf
DEMO MANUAL DC2046A-A
parts list
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
DC2046A General BOM
1
1
CG1
Cap, Cer, X7R 1000pF 2kV 10% 1808
Murata GR442QR73D102KW01L
2
1
CG2
Cap, Cer, X7R 0.01µF 100V 20% 1206
AVX 12061C103AT2A
3
0
C1
Cap, Cer, OPT 2kV 1812
OPT
4
0
C5
Cap, Cer, X7U OPT 6.3V 10% 1210
OPT
5
1
C6
Cap, Elec, 10µF 100V 10% 6.3x7.7
SunCon 100CE10BS
6
1
C7
Cap, Cer, X7R 2.2µF 100V 10% 1210
Murata GRM32ER72A225KA35
7
1
C10
Cap, Cer, X7R 10nF 100V 20% 0603
Murata GRM188R72A103KA01D
8
1
C11
Cap, Cer, X7R 0.047µF 100V 20% 0603
KEMET C0603C473M1RACTU
9
1
C12
Cap, Cer, X7R 0.047µF 100V 10% 0805
Murata GRM21BR72A473KA01L
10
1
C13
Cap, Cer, X7R 10µF 10V 10% 1206
Murata GRM31CR71A106KA01L
11
0
C15, C18, C19,
C21
Cap, Cer, X5R OPT 2kV 20% 1812
OPT
12
1
C17
Cap, Cer, X7R 1µF 25V 10% 0603
Murata GRM188R71E105KA12
13
1
C20
Cap, Cer, X7R 2.2nF 25V 10% 0603
Murata GRM188R71E222KA01
14
1
C23
Cap, Cer, X7R 4.7nF 2kV 10% 1812
Murata GR443DR73D472KW01L
15
1
C26
Cap, Cer, X5R 100pF 16V 10% 0402
AVX 0402YC101KAT2A
16
0
C27
Cap, Cer, X7R OPT 6.3V 10% 0402
OPT
17
1
D1
Diode, Schottky, B2100 100V SMB
Diodes Inc B2100-13-F
18
1
D2
Diode, TVS, PTVS58VS1UR 58V SOD123
NXP PTVS58VS1UR
19
1
D3
Diode, Zener, MMSZ5252BS 24V SOD323
Diodes Inc MMSZ5252BS
20
1
D4
Diode, LED Green
ROHM SML-010FTT86L
21
1
D13
Diode, Schottky, NXP, BAT46W 100V SOD323
NXP BAT46WJ,115
22
1
D15
Diode, Diode Inc, BAV19WS 120V SOD323
Diodes Inc BAV19WS
23
1
D16
Diode, TVS, PTVS58VS1UR 58V SOD123
NXP PTVS58VS1UR
24
1
D17
Diode, Schottky, BAT54WS 30V SOD323
Diodes Inc BAT54WS
25
1
D19
Diode, TVS, PTVS58VS1UR 58V SOD123
NXP PTVS58VS1UR
26
7
E1, E2, E3, E4,
E9, E10, E12
TP, Turret, PAD150-094 0.094"
MILL-MAX 2501-2-00-80-00-00-07-0
27
1
J1
Conn, Integrated Jack, 7499511001
Würth 7499511001
28
1
J2
Conn, RJ45 Jack, SS-6488-NF-K1
Stewart Connector SS-6488-NF-K1
Alternate SS-6488S-A-NF
29
1
L2
IND, 10µH
Coilcraft DO1608C-103
30
1
L4
IND, 100µH
Coilcraft DO1608C-104
31
9
Q1, Q11, Q12,
Q13, Q14, Q15,
Q16, Q17, Q18
MOSFET, N-CH, PSMN075-100MSE 100V LFPAK33
NXP PSMN075-100MSE
32
1
Q5
Transistor, PNP, MMBT3906 40V SOT23
Fairchild MMBT3906
33
1
Q6
Transistor, NPN, MMBT3904 40V SOT23
Fairchild MMBT3904
34
1
Q7
Transistor, PNP, FMMT723 100V SOT23
Diodes Inc FMMT723TA
34
0
Q7 (Alternate)
Transistor, PNP, PBSS9110T 100V SOT23
NXP PBSS9110T
35
4
RT1, RT2, RT3,
RT4
Res, Chip, 75 5% 0603
NIC NRC06J750TRF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com