Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2000 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2000
Description  16-, 14-, 11-Bit, 2.5Gsps to 2.7Gsps DACs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2000 Datasheet HTML 3Page - Linear Technology LTC2000 Datasheet HTML 4Page - Linear Technology LTC2000 Datasheet HTML 5Page - Linear Technology LTC2000 Datasheet HTML 6Page - Linear Technology LTC2000 Datasheet HTML 7Page - Linear Technology LTC2000 Datasheet HTML 8Page - Linear Technology LTC2000 Datasheet HTML 9Page - Linear Technology LTC2000 Datasheet HTML 10Page - Linear Technology LTC2000 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
dc2085afb
DEMO MANUAL DC2085
PARTS LIST
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
13
C1, C25, C26, C29, C31,
C32, C33, C34, C35, C36,
C37, C71, C72
CAP., X7R, 0.1µF, 16V 10% 0402
AVX, 0402YC104KAT2A
2
4
C2, C3, C8, C19
CAP., NPO, 0.01µF, 25V 5% 0603
TDK, C1608C0G1H103J
3
9
C4, C6, C9, C11, C14,
C18, C67, C68, C69
CAP., X7R, 1µF, 16V 10% 0603
AVX, 0603YC105KAT2A
4
5
C5, C7, C10, C12, C15
CAP., TANT., 47µF, 16V 10% 7343
AVX, TAJD476K016RNJ
5
4
C13, C16, C27, C28
CAP., X5R, 4.7µF, 16V 20% 1206
TDK, C3216X5R1C475M
6
2
C17, C40
CAP., X5R, 10µF, 10V 20% 0603
AVX, 0603ZD106MA2T
7
1
C20
CAP., C0G, 4.7pF, 50V ± 0.25pF 0603
AVX, 06035A4R7CAT2A
8
2
C21, C24
CAP., X7R, 0.1µF, 16V 10% 0603
TDK, C1608X7R1C104K
9
1
C22
CAP., X7R, 1µF, 25V 10% 0603
TDK, C1608X7R1E105K
10
2
C23, C70
CAP., X7R, 47µF, 10V 10% 1210
MURATA, GRM32ER71A476KE15L
11
1
C30
CAP., X5R, 3.3µF, 16V 10% 0603
TDK, C1608X5R1C335K
12
2
C38, C39
CAP., COG, 27pF, 50V 5% 0402
TDK, C1005C0G1H270J
13
2
C41, C42
CAP., COG, 100pF, 25V 5% 0201
TDK, C0603C0G1E101J
14
1
C43
CAP., X5R, 0.01µF, 16V 10% 0402
MURATA, GRM155R61C103KA01D
15
1
C44
CAP., X7R, 47nF, 25V 10% 0402
MURATA, GRM155R71E473KA88D
16
9
C45, C48, C49, C53, C54,
C58, C61, C62, C64
CAP., X5R, 100µF, 6.3V 20% 1206
TDK, C3216X5R0J107M
17
10
C46, C50, C51, C52, C55,
C56, C57, C59, C60, C63
CAP., X7S, 2.2µF, 4V 20% 0306
MURATA, LLL185C70G225ME01L
18
1
C47
CAP., COG, 10pF, 25V 5% 0201
MURATA, GRM0335C1E100JA01D
19
0
C65
CAP., OPT, 0402
OPTION
20
1
C66
CAP., NP0, 1pF, 25V ±.25pF 0402
AVX, 04023A1R0CAT2A
21
2
C73, C74
CAP., X7R, 4.7µF, 50V 10% 1206
MURATA, GRM31CR71H475KA12L
22
1
C75
CAP., X7R, 10µF, 50V 10% 1210
MURATA, GRM32ER71H106KA12L
23
2
C76, C77
CAP., X5R, 1µF, 50V 10% 0603
MURATA, GRM188R61H105KAALD
24
1
D1
DIODE, TVS, 70V,SMA
DIODES INC./ ZETEX, SMAT70A-13-F
25
1
D2
DIODE, TVS, 24V,SMA
DIODES INC./ ZETEX, SMAJ24A-13-F
26
1
D3
LED, RED, WATERCLEAR, 0805
WÜRTH, 150080RS75000
27
10
E1, E2, E3, E5–E11
TEST POINT, TURRET, .061, PBF
MILL-MAX, 2308-2-00-80-00-00-07-0
28
2
E4, E12
TEST POINT, TURRET, .094, PBF
MILL-MAX, 2501-2-00-80-00-00-07-0
29
2
JP1, JP2
HEADER, 3 PIN, .079
SULLINS, NRPN031PAEN-RC
30
1
J1
HEADER, 2×7 DUAL ROW
MOLEX 87831-1420
31
3
J2, J3, J8
CON., SMA JACK, STRAIGHT, THRU-HOLE
AMPHENOL CONNEX, 132134
32
1
J4
CON., SMA PCB TOP MOUNT
AEP, 9650-1113-005
33
2
J5, J6
CON., SMA 50Ω EDGE-LAUNCH
EMERSON, 142-0701-851
34
1
J7
CONNECTOR, USB TYPE B, RIGHT ANGLE PCB
MOUNT
FCI, 61729-0010BLF
35
1
J9
HEADER, 2X5, 0.100
SAMTEC, TSW-105-07-L-D
36
2
J10, J11
CONNECTOR, HSMC
SAMTEC, ASP-122952-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com