Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2000 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2000
Description  16-, 14-, 11-Bit, 2.5Gsps to 2.7Gsps DACs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2000 Datasheet HTML 4Page - Linear Technology LTC2000 Datasheet HTML 5Page - Linear Technology LTC2000 Datasheet HTML 6Page - Linear Technology LTC2000 Datasheet HTML 7Page - Linear Technology LTC2000 Datasheet HTML 8Page - Linear Technology LTC2000 Datasheet HTML 9Page - Linear Technology LTC2000 Datasheet HTML 10Page - Linear Technology LTC2000 Datasheet HTML 11Page - Linear Technology LTC2000 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
dc2085afb
DEMO MANUAL DC2085
PARTS LIST
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
37
6
L1, L2, L3, L4, L6, L7
FERRITE BEAD, 33Ω AT 100mHz, 1206
MURATA, BLM31PG330SN1L
38
1
L5
INDUCTOR, 2.2µH, 20% HIGH CURRENT, SMT
VISHAY, IHLP2020BZER2R2M11
39
1
L8
INDUCTOR, CERAMIC CHIP, 1nH, 5%, 0402
COILCRAFT, 0402CS-1N0XJLU
40
1
L9
FERRITE BEAD, 30Ω AT 100mHz, 0805
TDK, MPZ2012S300A
41
1
L10
INDUCTOR, 6.8µH, 20% HIGH CURRENT, SMT
VISHAY, IHLP2020BZER6R8M11
42
2
MTG5, MTG6
STANDOFF, NYLON 0.5"
KEYSTONE, 8833 (SNAP ON)
43
2
Q1, Q2
TRANSISTOR, N-CH. POWER MOSFET, SOIC 8L
FAIRCHILD, FDS8870
44
6
R1, R2, R3, R13, R17,
R30
RES., CHIP, 1k, 1/16W, 5% 0402
VISHAY, CRCW04021K00JNED
45
1
R4
RES., CHIP, 4.7k, 1/16W, 5% 0402
YAGEO, RC0402JR-074K7L
46
4
R5, R14–R16
RES., CHIP, 10k, 1/16W, 5% 0402
YAGEO, RC0402JR-0710KL
47
2
R6, R8
RES., CHIP, 2k, 1/16W, 5% 0402
VISHAY, CRCW04022K00JNED
48
0
R7, R10, R23, R24, R25,
R27, R28, R36, R37,
R38, R39, R43, R62, R63
RES., CHIP, OPT, 0402
OPTION
49
1
R9
RES., CHIP, 39Ω, 1/16W, 1% 0402
VISHAY, CRCW040239R0FKED
50
1
R11
RES., CHIP, 0Ω JUMPER, 1/16W, 0402
VISHAY, CRCW04020000Z0ED
51
1
R12
RES., CHIP, 12k, 1/16W, 5% 0402
VISHAY, CRCW040212K0JNED
52
1
R18
RES., CHIP, 2.2k, 1/16W, 5% 0402
VISHAY, CRCW04022K20JNED
53
2
R19, R20
RES., CHIP, 3.24k, 1/16W, 1% 0402
VISHAY, CRCW04023K24FKED
54
1
R21
RES., CHIP, 1k, 1/16W, 1% 0402
YAGEO, RC0402FR-071KL
55
1
R22
RES., CHIP, 7.15k, 1/16W, 1% 0402
VISHAY, CRCW04027K15FKED
56
2
R26, R29
RES., CHIP, 49.9Ω, 1/6W, 1% 0201
VISHAY, CRCW020149R9FNED
57
7
R31-R35, R41, R42
RES., CHIP, 10Ω, 1/16W, 1% 0402
VISHAY, CRCW040210R0FKED
58
10
R40, R44, R46, R47,
R48, R57, R58, R59,
R60, R61
RES., CHIP, 50Ω, HIGH FREQ., 1/20W, 0.1% 0402 VISHAY, FC0402E50R0BST1
59
1
R45
RES., CHIP, 499Ω, 1/16W, 1% 0402
VISHAY, CRCW0402499RFKED
60
1
R49
RES., CHIP, 41.2k, 1/10W, 1% 0603
VISHAY, CRCW060341K2FKEA
61
1
R50
RES., CHIP, 309k, 1/10W, 1% 0603
VISHAY, CRCW0603309KFKEA
62
1
R51
RES., CHIP, 243k, 1/10W, 1% 0603
VISHAY, CRCW0603243KFKEA
63
1
R52
RES., CHIP, 50Ω, 1/8W, 5% 0603
VISHAY, FC0603E50R0JST1
64
1
R53
RES., CHIP, 560Ω, 1/10W, 5% 0603
VISHAY, CRCW0603560RJNEA
65
1
R54
RES., CHIP, 10k, 1/10W, 1% 0603
VISHAY, CRCW060310K0FKEA
66
2
R55, R56
RES., CHIP, 20Ω, 1/16W, 1% 0402
VISHAY, CRCW040220R0FKED
67
1
T1
TRANSFORMER, BALUN
ANAREN, B0430J50100AHF
68
1
U2
IC, USB TO MULTIPURPOSE UART/FIFO, TQFP
FTDI, FT2232HL
69
1
U3
IC, QUAD MUX/DEMUX, TSSOP-16
FAIRCHILD, FST3257MTCX
70
1
U4
IC, EEPROM 1kBIT 3MHZ, 8TSSOP
MICROCHIP, 93LC46C-I/ST
71
1
U5
IC, MICROPOWER REGULATOR, SO-8
LINEAR TECHNOLOGY, LT1763CS8-3#PBF
72
2
U6, U7
IC, MICROPOWER REGULATOR, SO-8
LINEAR TECHNOLOGY, LT1763CS8-3.3#PBF
73
1
U8
IC, BUCK REGULATOR, QFN
LINEAR TECHNOLOGY, LT8614IUDC#PBF
74
1
U9
IC, VOLTAGE REFERENCE, MSOP
LINEAR TECHNOLOGY, LTC6655CHMS8-2.048#PBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com