Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2000 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2000
Description  16-, 14-, 11-Bit, 2.5Gsps to 2.7Gsps DACs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Datasheet(HTML) 1 Page - Linear Technology

  LTC2000 Datasheet HTML 1Page - Linear Technology LTC2000 Datasheet HTML 2Page - Linear Technology LTC2000 Datasheet HTML 3Page - Linear Technology LTC2000 Datasheet HTML 4Page - Linear Technology LTC2000 Datasheet HTML 5Page - Linear Technology LTC2000 Datasheet HTML 6Page - Linear Technology LTC2000 Datasheet HTML 7Page - Linear Technology LTC2000 Datasheet HTML 8Page - Linear Technology LTC2000 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
dc2085afb
DEMO MANUAL DC2085
DESCRIPTION
LTC2000, LTC2000A
16-, 14-, 11-Bit, 2.5Gsps to 2.7Gsps DACs
Demonstration circuit 2085 supports the LTC®2000 and
LTC2000A, a high speed, high dynamic range family of
DACs. It was specially designed for applications that re-
quire differential DC coupled outputs. DC2085 supports
the complete family of the LTC2000 including 16, 14 and
11 bit parts. For all the variations see Table 1.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Analog
Devices, Inc. All other trademarks are the property of their respective owners.
PERFORMANCE SUMMARY
The circuitry on the analog outputs is optimized for analog
frequencies from DC-1.08GHz.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2085
Specifications are at TA = 25°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage – DC2085
This supply must provide up to 800mA
4.8
5.0
5.2
V
Sampling Frequency (Sample Clock Frequency)
300
2500 or 2700
MHz
Sample Clock Level (Single-Ended)
Use a 50Ω Source
0
15
dBm
LVDS Inputs
Differential Input Voltage Range
Common Mode Voltage Range
±0.2
0.4
±0.6
1.8
V
V
Table 1. DC2085 Variants
DC2085 VARIANTS
PART NUMBER
RESOLUTION
MAXIMUM SAMPLE RATE
OUTPUT FREQUENCY
DC2085A-A
LTC2000-16
16-Bit
2.5Gsps
DC-1000MHz
DC2085A-B
LTC2000-14
14-Bit
2.5Gsps
DC-1000MHz
DC2085A-C
LTC2000-11
11-Bit
2.5Gsps
DC-1000MHz
DC2085A-D
LTC2000A-16
16-Bit
2.7Gsps
DC-1080MHz
DC2085A-E
LTC2000A-14
14-Bit
2.7Gsps
DC-1080MHz
DC2085A-F
LTC2000A-11
11-Bit
2.7Gsps
DC-1080MHz


Similar Part No. - LTC2000

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2000 LINER-LTC2000 Datasheet
1Mb / 54P
16-/14-/11-Bit 2.7Gsps DACs
logo
Analog Devices
LTC2000 AD-LTC2000 Datasheet
1Mb / 54P
16-/14-/11-Bit 2.5Gsps DACs
12/17-REV.B
logo
Linear Technology
LTC2000A LINER-LTC2000A Datasheet
1Mb / 54P
16-/14-/11-Bit 2.7Gsps DACs
logo
Analog Devices
LTC2000A AD-LTC2000A Datasheet
1Mb / 54P
2.7Gsps DACs
12/17-REV.B
logo
Linear Technology
LTC2000A LINER-LTC2000A_15 Datasheet
1Mb / 52P
16-/14-/11-Bit 2.7Gsps DACs
More results

Similar Description - LTC2000

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1666 LINER-LTC1666_15 Datasheet
887Kb / 24P
12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1667 LINER-LTC1667_15 Datasheet
887Kb / 24P
12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1668 LINER-LTC1668_15 Datasheet
887Kb / 24P
12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC2641 LINER-LTC2641_15 Datasheet
304Kb / 24P
16-/14-/12-Bit VOUT DACs
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
16-/14-/12-Bit VOUT DACs
LTC2000 LINER-LTC2000_15 Datasheet
1Mb / 52P
16-/14-/11-Bit 2.5Gsps DACs
LTC2000A LINER-LTC2000A_15 Datasheet
1Mb / 52P
16-/14-/11-Bit 2.7Gsps DACs
LTC2000A LINER-LTC2000A Datasheet
1Mb / 54P
16-/14-/11-Bit 2.7Gsps DACs
logo
Analog Devices
LTC2000 AD-LTC2000 Datasheet
1Mb / 54P
16-/14-/11-Bit 2.5Gsps DACs
12/17-REV.B
LTC2000A AD-LTC2000A Datasheet
1Mb / 54P
2.7Gsps DACs
12/17-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com