Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2000 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2000
Description  16-, 14-, 11-Bit, 2.5Gsps to 2.7Gsps DACs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Datasheet(HTML) 5 Page - Linear Technology

  LTC2000 Datasheet HTML 1Page - Linear Technology LTC2000 Datasheet HTML 2Page - Linear Technology LTC2000 Datasheet HTML 3Page - Linear Technology LTC2000 Datasheet HTML 4Page - Linear Technology LTC2000 Datasheet HTML 5Page - Linear Technology LTC2000 Datasheet HTML 6Page - Linear Technology LTC2000 Datasheet HTML 7Page - Linear Technology LTC2000 Datasheet HTML 8Page - Linear Technology LTC2000 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
dc2085afb
DEMO MANUAL DC2085
QUICK START PROCEDURE
ANALOG OUTPUT NETWORK
The analog output network of the DC2085 has been
designed to maximize the performance of the LTC2000.
The LTC2000 drives two 50Ω resistors on each side to
minimize the impedance it sees. This maximizes the SFDR
the DAC is able to produce. If a larger signal swing is
required this impedance can be increased, but the SFDR
might degrade. The output also has a pi network of 50Ω
resistors to pad the output impedance of the board up to
50Ω per side. This allows the demo board to drive a 50Ω
analyzer through a balun or other combiner.
Linear Technology has various coupon boards for specific
frequenciesandapplications.Moreinformationisavailable
at www.linear.com.
SAMPLE CLOCK
The sample clock to the DC2085 demonstration circuit
board is marked J4. As a default it is a single-ended 50Ω
input port. There is an onboard balun that does a single-
ended to differential translation.
For the best noise performance, the sample input must
be driven with a very low jitter signal generator source.
The amplitude should be as large as possible up to ±1.8V
or 9dBm.
SOFTWARE
The software for the DC2085, LTDACGen is available at
www.linear.com free of charge. It simplifies the creation
of complex waveforms and loading them into the FPGA to
test the DC2085. For more information about how to use
the LTDACGen software, refer to the help files that come
with the software.
RESULTS
After everything is set up and the software is con-
nected to the DAC demo system, a sine wave can be
added to the output waveform. The default frequency is
399.932861328MHz (Figure 3). By clicking Update FPGA,
the data is sent to the FPGA and is then used to program
the DAC. A spectrum analyzer can then be used to view
the results (Figure 4).
Figure 3. Default Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com