Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2000 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2000
Description  16-, 14-, 11-Bit, 2.5Gsps to 2.7Gsps DACs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2000 Datasheet HTML 5Page - Linear Technology LTC2000 Datasheet HTML 6Page - Linear Technology LTC2000 Datasheet HTML 7Page - Linear Technology LTC2000 Datasheet HTML 8Page - Linear Technology LTC2000 Datasheet HTML 9Page - Linear Technology LTC2000 Datasheet HTML 10Page - Linear Technology LTC2000 Datasheet HTML 11Page - Linear Technology LTC2000 Datasheet HTML 12Page - Linear Technology LTC2000 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
dc2085afb
DEMO MANUAL DC2085
PARTS LIST
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
75
2
U10, U11
I.C., LOW DROPOUT REGULATOR, 3×3mm, DFN
LINEAR TECHNOLOGY, LT3080EDD#PBF
76
1
U12
I.C., 80V IDEAL DIODE, DFN-6L
LINEAR TECHNOLOGY, LTC4359HDCB-#TRPBF
77
2
XJP1, XJP2
SHUNT, 2mm
SAMTEC, 2SN-BK-G
78
1
Y1
CRYSTAL, 12.0 MHz, SMT
ABRACON, ABMM2-12.000MHZ-E2-T
DC2085A-A Required Circuit Components
1
1
GENERAL BOM
DC2085A
2
1
U1
IC, 16-BIT 2.5Gsps DAC
LINEAR TECHNOLOGY, LTC2000IY-16
DC2085A-B Required Circuit Components
1
1
GENERAL BOM
DC2085A
2
1
U1
IC, 14-BIT 2.5Gsps DAC
LINEAR TECHNOLOGY, LTC2000IY-14
DC2085A-C Required Circuit Components
1
1
GENERAL BOM
DC2085A
2
1
U1
IC, 11-BIT 2.5Gsps DAC
LINEAR TECHNOLOGY, LTC2000IY-11
DC2085A-D Required Circuit Components
1
1
GENERAL BOM
DC2085A
2
1
U1
IC, 16-BIT 2.7Gsps DAC
LINEAR TECHNOLOGY, LTC2000AIY-16
DC2085A-E Required Circuit Components
1
1
GENERAL BOM
DC2085A
2
1
U1
IC, 14-BIT 2.7Gsps DAC
LINEAR TECHNOLOGY, LTC2000AIY-14
DC2085A-F Required Circuit Components
1
1
GENERAL BOM
DC2085A
2
1
U1
IC, 11-BIT 2.7Gsps DAC
LINEAR TECHNOLOGY, LTC2000AIY-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com