Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3331GC Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP3331GC
Description  2A, Synchronous Boost Flash LED Driver with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3331GC Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP3331GC Datasheet HTML 11Page - Monolithic Power Systems MP3331GC Datasheet HTML 12Page - Monolithic Power Systems MP3331GC Datasheet HTML 13Page - Monolithic Power Systems MP3331GC Datasheet HTML 14Page - Monolithic Power Systems MP3331GC Datasheet HTML 15Page - Monolithic Power Systems MP3331GC Datasheet HTML 16Page - Monolithic Power Systems MP3331GC Datasheet HTML 17Page - Monolithic Power Systems MP3331GC Datasheet HTML 18Page - Monolithic Power Systems MP3331GC Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
MP3331-2A SYNCHRONOUS BOOST FLASH LED DRIVER WITH I
2C INTERFACE
MP3331 Rev. 1.02
www.MonolithicPower.com
15
5/3/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Figure 11: 5V DC Mode
Switching Frequency Setting
The switching frequency is selected by SW_FS
bits. 1M/2M/3M/4MHz are available to optimize
efficiency.
Switching Frequency Foldback
In default 4MHz switching mode, if the voltage
across the current source is larger than the
value set by the register bits VTH_PAS, the IC
switches to 1MHz mode to improve efficiency
and EMI. In 1MHz mode, the switching
frequency can be stretched down according to
the load condition with FS_SD =0. The IC goes
into
pass
mode
(which
turns
on
the
synchronous PMOS fully) if the input voltage is
high enough.
Current Reduction
When the MP3331 works in flash mode, output
current reduction may occur due to the
following conditions:
1. TX is high.
During flash mode, if TOR/TX goes from low to
high, the flash current drops to the current set
by I_TX in less than 5µs and sets the FT_TX bit
to 1. If TX goes low, the current ramps up to the
flash current again (see Figure 12).
Figure 12: Flash Mode when TX is Active
2. Low
battery
voltage
threshold
is
triggered
.
During a flash pulse, if the battery voltage drops
below the threshold set by VBL_RUN, the
current reduces step-by-step with a 2µs/step
until the battery voltage rises up to the specific
low battery voltage threshold. Actual current in
the IFL_ACT register can be read back. The
minimum current caused by the current
reduction in IFL_MIN can be read back after the
flash.
Low Battery Voltage Protection
The device provides low battery voltage
protection in flash mode in the following ways:
1. Before the flash, if the input voltage is lower
than the threshold set by VBL_RUN, the device
remains disabled (if VBL_SD = 1 and sets the
fault bit FT_VBATL to 1). If VBL_SD = 0, the
device ramps to the current set by I_TX and
sets the fault bit FT_VBATL to 1. The fault bit is
cleared after read back or the input power
resets.
2. During flash start-up, if the input voltage is
lower than the threshold set by VBL_RUN, the
current stops ramping. The fault bit FT_VBATL
is set. During the flash pulse, if the input voltage
is lower than the threshold set by VBL_RUN,
the current ramps down step-by-step. The fault
bit is set until read back or the input power
resets. After the flash, the minimum current
caused by the current reduction is read back
through the IFL_MIN register. The IFL_MIN
value holds until the next flash occurs or the
power resets. The actual current is read back
through IFL_ACT during flash time. This



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com