Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3331GC Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP3331GC
Description  2A, Synchronous Boost Flash LED Driver with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3331GC Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP3331GC Datasheet HTML 5Page - Monolithic Power Systems MP3331GC Datasheet HTML 6Page - Monolithic Power Systems MP3331GC Datasheet HTML 7Page - Monolithic Power Systems MP3331GC Datasheet HTML 8Page - Monolithic Power Systems MP3331GC Datasheet HTML 9Page - Monolithic Power Systems MP3331GC Datasheet HTML 10Page - Monolithic Power Systems MP3331GC Datasheet HTML 11Page - Monolithic Power Systems MP3331GC Datasheet HTML 12Page - Monolithic Power Systems MP3331GC Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
MP3331-2A SYNCHRONOUS BOOST FLASH LED DRIVER WITH I
2C INTERFACE
MP3331 Rev. 1.02
www.MonolithicPower.com
9
5/3/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
(continued)
VIN = 3.3V, 1LED, FL_TIM = 100ms, L = 1µH, TA = 25°C, unless otherwise noted.
Torch to Flash Mode
ITOR=500mA, IFL=1A
Assist to Flash Mode
ITOR=500mA, IFL=1A
Flash Mode
TX Pin with 3Hz PWM Input
LED-GND
Short Protection
VSW
2V/div.
VLED
5V/div.
IL
500mA/div.
ILED
200mA/div.
VSW
2V/div.
VOUT
5V/div.
IL
1A/div.
ILED
500mA/div.
VSW
2V/div.
VOUT
5V/div.
IL
500mA/div.
ILED
500mA/div.
VSW
2V/div.
VOUT
5V/div.
IL
1A/div.
ILED
500mA/div.
VSW
2V/div.
TOR
2V/div.
STR
2V/div.
VSW
2V/div.
STR
2V/div.
ILED
500mA/div.
IL
500mA/div.
ILED
500mA/div.
VSW
2V/div.
TOR
5V/div.
IL
1A/div.
ILED
500mA/div.
LED Open Protection
VOUT-GND Pin
Short Protection
Junction Over-Temperature
Protection
In Flash Mode, TJ>130C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com