Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3331GC Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP3331GC
Description  2A, Synchronous Boost Flash LED Driver with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3331GC Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP3331GC Datasheet HTML 13Page - Monolithic Power Systems MP3331GC Datasheet HTML 14Page - Monolithic Power Systems MP3331GC Datasheet HTML 15Page - Monolithic Power Systems MP3331GC Datasheet HTML 16Page - Monolithic Power Systems MP3331GC Datasheet HTML 17Page - Monolithic Power Systems MP3331GC Datasheet HTML 18Page - Monolithic Power Systems MP3331GC Datasheet HTML 19Page - Monolithic Power Systems MP3331GC Datasheet HTML 20Page - Monolithic Power Systems MP3331GC Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
MP3331-2A SYNCHRONOUS BOOST FLASH LED DRIVER WITH I
2C INTERFACE
MP3331 Rev. 1.02
www.MonolithicPower.com
17
5/3/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Register Mapping:
Add
D7
D6
D5
D4
D3
D2
D1
D0
00H
DEV_ID4
DEV_ID3
DEV_ID2
DEV_ID1
DEV_ID0
REV_ID2
REV_ID1
REV_ID0
01H
STR_LV
STR_MOD
STR_POL
LED_EN
TX_TOR
LED_MOD1
LED_MOD0
5V_MOD
02H
NA
NA
NA
IL_PEAK1
IL_PEAK0
FS_SD
NA
NA
03H
FL_TIM3
FL_TIM2
FL_TIM1
FL_TIM0
LED_SD
NA
SW_FS1
SW_FS0
04H
VBL_RUN2
VBL_RUN1
VBL_RUN0
VBL_SD
NA
NA
NA
NA
05H
LED_OTA
D
TUP_I2
TUP_I1
TUP_I0
VTH_PAS1
VTH_PAS0
INDI_PWM1
INDI_PWM0
06H
NA
NA
I_FL5
I_FL4
I_FL3
I_FL2
I_FL1
I_FL0
07H
NA
NA
I_TX5
I_TX4
I_TX3
I_TX2
I_TX1
I_TX0
08H
NA
NA
IFL_ACT5
IFL_ACT4
IFL_ACT3
IFL_ACT2
IFL_ACT1
IFL_ACT0
09H
NA
NA
IFL_MIN5
IFL_MIN4
IFL_MIN3
IFL_MIN2
IFL_MIN1
IFL_MIN0
0AH
NA
NA
I_TOR5
I_TOR4
I_TOR3
I_TOR2
I_TOR1
I_TOR0
0BH
FT_VBATL
FT_OVP
FT_VOSC
FT_LEDSC
FT_OTP
FT_TO
FT_TX
NA
0CH
NA
NA
NA
NA
NA
NA
NA
FT_LEDOP
Table 1: Chip ID Register
Addr: 0x00
Bit
Bit Name
Access
Default
Description
2:0
REV_ID
R
000
Revision ID
7:3
DEV_ID
R
00011
Device ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com