Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3331GC Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP3331GC
Description  2A, Synchronous Boost Flash LED Driver with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3331GC Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP3331GC Datasheet HTML 14Page - Monolithic Power Systems MP3331GC Datasheet HTML 15Page - Monolithic Power Systems MP3331GC Datasheet HTML 16Page - Monolithic Power Systems MP3331GC Datasheet HTML 17Page - Monolithic Power Systems MP3331GC Datasheet HTML 18Page - Monolithic Power Systems MP3331GC Datasheet HTML 19Page - Monolithic Power Systems MP3331GC Datasheet HTML 20Page - Monolithic Power Systems MP3331GC Datasheet HTML 21Page - Monolithic Power Systems MP3331GC Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
MP3331-2A SYNCHRONOUS BOOST FLASH LED DRIVER WITH I
2C INTERFACE
MP3331 Rev. 1.02
www.MonolithicPower.com
18
5/3/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Table 2: Mode Setting Register
Addr: 0x01
Bit
Bit Name
Access
Default
Description
7
STR_LV
RW
1
Flash mode trigger mode with STR signal.
0 = edge sensitive; 1 = level sensitive.
6
STR_MOD
RW
1
STR enable bit.
0 = software enable; 1 = hardware enable.
5
STR_POL
RW
1
STR signal input active polarity.
0 = active low; 1 = active high.
4
LED_EN
RW
0
LED current source enable bit.
0 = LED current sink disable; 1 = enable
3
TX_TOR
RW
0
TX mode or torch mode selection bit;
0 indicates TX/TOR used for TX signal;
1 indicates TX/TOR used for torch signal. In flash mode,
TX/TOR is forced to be used as a TX signal pin regardless
of what this bit is.
2:1
LED_MOD
RW
00
Device mode setting bits.
00 = standby/torch mode; 01 = indicator mode;
10 = assist light mode;
11 = flash mode.
0
5V_MOD
RW
0
5V DC output enable bit.
0 = disable; 1 = enable.
Table 3: Peak Current Setting Register
Addr: 0x02
Bit
Bit Name
Access
Default
Description
7:5
NA
RW
000
Reserved.
4:3
IL_PEAK
RW
01
Inductor current limit setting bits.
00 = 1.9A, 01 = 2.8A,10 = 3.6A,11 = 4.2A
2
FS_SD
RW
0
Disable switching frequency stretching down from 1MHz if
VIN voltage is close to VOUT voltage.
0 = Enable Fs stretching down function.
1 = Disable Fs stretching down function.
0:1
NA
RW
NA
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com