Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3331GC Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3331GC
Description  2A, Synchronous Boost Flash LED Driver with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3331GC Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3331GC Datasheet HTML 1Page - Monolithic Power Systems MP3331GC Datasheet HTML 2Page - Monolithic Power Systems MP3331GC Datasheet HTML 3Page - Monolithic Power Systems MP3331GC Datasheet HTML 4Page - Monolithic Power Systems MP3331GC Datasheet HTML 5Page - Monolithic Power Systems MP3331GC Datasheet HTML 6Page - Monolithic Power Systems MP3331GC Datasheet HTML 7Page - Monolithic Power Systems MP3331GC Datasheet HTML 8Page - Monolithic Power Systems MP3331GC Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
MP3331
2A, Synchronous Boost Flash LED Driver
with I
2C Interface
MP3331 Rev. 1.02
www.MonolithicPower.com
1
5/3/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3331 is a highly-efficient, 2A, single flash
LED driver in a very compact package for high-
resolution camera phones that improves image and
video quality in low-light environments. The device
operates in a 1/2/3/4MHz synchronous DC/DC
boost converter to provide an optimized solution for
smaller PCB spaces with higher efficiency.
The MP3331 features a standard I2C interface,
single LED channel, rich protection modes, and
high power density and performances. It supports
flash/assist/torch/indicator/5V DC modes.
The cathode of the flash LED is referenced to GND,
which improves thermal performance. It is available
in a WLCSP9-1.7mm x 1.7mm package.
FEATURES
 2.7V to 5.5V Input Voltage
 1/2/3/4MHz Selectable Switching Frequency
 Switching Frequency Foldback Function
 400kHz I2C Compatible Interface
 Standby/Flash/Assist/Torch/Indicator/5V DC
Mode
FLASH MODE:
 Up to 2A Programmable Current with
+/-7% Accuracy
ASSIST/TORCH MODE:
 Up to 508mA Programmable Current with
+/-7% Accuracy
INDICATOR MODE:
 Works in 31.5kHz PWM Dimming Mode with
2/16, 3/16, 4/16, 5/16 Duty Cycle
5V DC MODE:
 Fixed 5V Output Voltage
 External Torch/Strobe Pin
 Low-Battery Voltage Protection
 Pre-Flash for Auto Detect Load Condition
 LED Short/Open Protection
 VOUT-GND Short Protection
 Over-Voltage Protection
 Over-Temperature Protection
 Input Under-Voltage Lockout Protection
 Thermal Protection
 Input to Output Disconnection Function
 Available in a WLCSP9-1.7mm x 1.7mm
Package
APPLICATIONS
Camera Phone LED Flash
Tablets
Digital Still Camera
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered Ttademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP3331GC

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3331GC MPS-MP3331GC Datasheet
576Kb / 7P
2A Flash LED Driver With I2C Interface Evaluation Board
More results

Similar Description - MP3331GC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
Texas Instruments
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
Synchronous Boost LED Flash Driver
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
Synchronous Boost LED Flash Driver
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2466 EUTECH-EUP2466 Datasheet
78Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
1.5A Synchronous Boost LED Flash Driver
logo
Monolithic Power System...
MP3336 MPS-MP3336 Datasheet
748Kb / 27P
Dual-Channel, Flash LED Driver with 2A/Ch and I2C Interface
EV3331-C-00A MPS-EV3331-C-00A Datasheet
576Kb / 7P
2A Flash LED Driver With I2C Interface Evaluation Board
EV3376-R-00A MPS-EV3376-R-00A Datasheet
1Mb / 6P
8-Channel, Synchronous, Boost, WLED Driver with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com