Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3332GC Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MP3332GC
Description  Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3332GC Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MP3332GC Datasheet HTML 19Page - Monolithic Power Systems MP3332GC Datasheet HTML 20Page - Monolithic Power Systems MP3332GC Datasheet HTML 21Page - Monolithic Power Systems MP3332GC Datasheet HTML 22Page - Monolithic Power Systems MP3332GC Datasheet HTML 23Page - Monolithic Power Systems MP3332GC Datasheet HTML 24Page - Monolithic Power Systems MP3332GC Datasheet HTML 25Page - Monolithic Power Systems MP3332GC Datasheet HTML 26Page - Monolithic Power Systems MP3332GC Datasheet HTML 27Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
MP3332
– DUAL-CHANNEL FLASH LED DRIVER WITH I2C INTERFACE
MP3332 Rev. 1.0
www.MonolithicPower.com
24
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Table 16: Fault Indication Register
Addr: 0x0E
Bit
Bit Name
Access
Default
Description
7
FT_VBATL
R
0
Low battery voltage fault bit. 0 = no fault. 1 = fault.
6
FT_OVP
R
0
Output over-voltage fault bit. 0 = no fault. 1 = fault.
5
FT_VOSC
R
0
VOUT-GND short fault bit. 0 = no fault. 1 = fault.
4
FT_LEDSC
R
0
LED short fault bit. 0 = no fault. 1 = fault.
3
FT_OTP
R
0
Junction over-temperature fault bit. 0 = no fault. 1 =
fault.
2
FT_TO
R
0
Flash time-out flag bit. 0 = no fault. 1 = flash timer is
triggered with hardware and level-trigger modes.
1
FT_TX
R
0
TX flag bit. 0 = no fault. 1 = TX is pulled high.
0
FT_IDC
R
0
Input DC current limit fault bit. 0 = no fault. 1 = fault.
Table 17: Fault Indication Register
Addr: 0x0F
Bit
Bit Name
Access
Default
Description
7:6
TBK0-1
R/W
01
Blinking time setting bits in indicator mode.
TBK [0-1] = 00, no blinking, LED constant on
TBK [0-1] = 01, Tblink = 128ms (default)
TBK [0-1] = 10, Tblink = 256ms
TBK [0-1] = 11, Tblink = 512ms
5:4
NA
R
NA
Reserved.
3
BAL_1AB2
R
0
1 = VLED1> = VLED2 + 125mV
0 = VLED1 < VLED2 + 125mV
2
BAL_2AB1
R
0
1 = VLED2> = VLED1 + 125mV
0 = VLED2 < VLED1 + 125mV
1
FT_LEDHOT
R
0
NTC fault bit. 0 = no fault. 1 = fault.
0
FT_LEDOP
R
0
LED open fault bit. 0 = no fault. 1 = fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com