Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3332GC Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP3332GC
Description  Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3332GC Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP3332GC Datasheet HTML 10Page - Monolithic Power Systems MP3332GC Datasheet HTML 11Page - Monolithic Power Systems MP3332GC Datasheet HTML 12Page - Monolithic Power Systems MP3332GC Datasheet HTML 13Page - Monolithic Power Systems MP3332GC Datasheet HTML 14Page - Monolithic Power Systems MP3332GC Datasheet HTML 15Page - Monolithic Power Systems MP3332GC Datasheet HTML 16Page - Monolithic Power Systems MP3332GC Datasheet HTML 17Page - Monolithic Power Systems MP3332GC Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
MP3332
– DUAL-CHANNEL FLASH LED DRIVER WITH I2C INTERFACE
MP3332 Rev. 1.0
www.MonolithicPower.com
14
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
MP3332 Hardware and Level
Sensitive Flash Mode w/ Timer-Out:
ILED1
ILED2
FL_TIMER
I2C
REG 0x01,
STR_MOD=1
STR_LV=1
LED_MOD=11
REG 0x06/7,
I1_FL=XXXX
I2_FL=XXXX
REG 0x03,
FL_TIM=XXXX
REG 0x01,
LED1_EN=1
LED2_EN=1
Reset,
LED1_EN to 0
LED2_EN to 0
LED_MOD to 00
Set REG 0x0D,
FT_TO=1
STR
Figure 7: Hardware and Level Trigger Flash
Mode with Timer-Out
2. Hardware and Edge Trigger Mode
In this mode, STR_MOD = 1, STR_LV = 0,
LED1/2_EN = 1, and LED_MOD = 11 (see
Figure 8). The flash current begins ramping up
after STR goes high. The LED1 and LED2
currents
are
set
by
I_FL_1
and
I_FL_2
respectively, and the ramp-up time is set by
TUP_I. The flash current ends when the flash
timer set by FL_TIM ends. After the flash, the
LED_MOD is reset to standby mode, and
LED1/2_EN is reset to 0 if LED_SD = 0. If
LED_SD = 1, the mode, LED_MOD, and
LED1/2_EN are not reset. The LED1 and LED2
current sources are controlled by the LED1_EN
and LED2_EN bits respectively.
MP3332 Hardware and Edge
Sensitive Flash Mode:
ILED1
ILED2
STR
I2C
REG 0x01,
STR_MOD=1
STR_LV=0
LED_MOD=11
REG 0x06/7,
I1_FL=XXXX
I2_FL=XXXX
REG 0x03,
FL_TIM=XXXX
REG 0x01,
LED1_EN=1
LED2_EN=1
Reset,
LED1_EN to 0
LED2_EN to 0
LED_MOD to 00
FL_TIMER
Figure 8: Hardware and Edge Trigger Flash Mode
3. Software and Edge Trigger Mode
In this mode, STR_MOD = 0, LED1/2_EN = 1,
and LED_MOD = 11 (see Figure 9). The LED1
and LED2 currents are set by I_FL_1 and
I_FL_2 respectively, and the ramp-up time is
set by TUP_I. The flash current ends when the
flash timer set by FL_TIM ends. After the flash,
LED_MOD is reset to standby mode, and
LED1/2_EN is reset to 0 if LED_SD = 0. If
LED_SD = 1, LED_MOD and LED1/2_EN are
not reset. The LED1 and LED2 current sources
are controlled by the LED1_EN and LED2_EN
bits respectively.
MP3332 Software and Edge Sensitive
Flash Mode:
ILED1
ILED2
I2C
REG 0x01,
STR_MOD=0
LED_MOD=11
REG 0x06/7,
I1_FL=XXXX
I2_FL=XXXX
REG 0x03,
FL_TIM=XXXX
REG 0x01,
LED1_EN=1
LED2_EN=1
Reset,
LED1_EN to 0
LED2_EN to 0
LED_MOD to 00
FL_TIMER
Figure 9: Software and Edge Trigger Flash Mode
Torch Mode to Flash Mode
The MP3332 can switch to flash mode from
torch mode directly when STR goes high if
STR_MOD=1 (see Figure 10). After the flash,
the part operates in flash mode.
MP3332 Torch Mode to Flash Mode:
ILED1
ILED2
TOR
I2C
REG 0x0C/D,
I1_TOR=XXXX
I2_TOR=XXXX
REG 0x06/7,
I1_FL=XXXX
I2_FL=XXXX
REG 0x01,
LED_MOD=00
STR_MOD=1
STR_LV=1
REG 0x01,
LED1_EN=1
LED2_EN=1
REG 0x03,
FL_TIM=XXXX
Reset,
LED1_EN to 0
LED2_EN to 0
LED_MOD=00
STR
FL_TIMER
REG 0x01,
LED1_EN=1
LED2_EN=1
STR_MOD=1
STR_LV=0
REG 0x03,
FL_TIM=XXXX
Setting Time
Reset,
LED1_EN to 0
LED2_EN to 0
LED_MOD=00
Figure 10: Torch Mode to Flash Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com