Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3332GC Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3332GC
Description  Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3332GC Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3332GC Datasheet HTML 6Page - Monolithic Power Systems MP3332GC Datasheet HTML 7Page - Monolithic Power Systems MP3332GC Datasheet HTML 8Page - Monolithic Power Systems MP3332GC Datasheet HTML 9Page - Monolithic Power Systems MP3332GC Datasheet HTML 10Page - Monolithic Power Systems MP3332GC Datasheet HTML 11Page - Monolithic Power Systems MP3332GC Datasheet HTML 12Page - Monolithic Power Systems MP3332GC Datasheet HTML 13Page - Monolithic Power Systems MP3332GC Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
MP3332
– DUAL-CHANNEL FLASH LED DRIVER WITH I2C INTERFACE
MP3332 Rev. 1.0
www.MonolithicPower.com
10
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
A1
LED1
Current source for LED1. Connect the anode of an LED to LED1.
A2/B2
OUT
Boost converter output.
A3/B3
SW
Boost converter switching node.
A4/B4
PGND
Power GND.
B1
LED2
Current source for LED2. Connect the anode of an LED to LED2.
C1
TOR
Torch mode input signal.
C2
TX
Synchronization input signal for RF transmission signal. Pull TX low internally to float.
C3
STR
Strobe signal input. STR synchronizes the flash pulse. Pull STR low internally to float.
C4
VSS
Analog GND.
D1
NTC
LED temperature detection. Connect NTC to GND with an NTC resistor when the NTC
function is used. Float NTC when not in use.
D2
SDA
I2C interface data input.
D3
SCL
I2C interface clock input.
D4
IN
Input supply. IN provides the power for the internal power and logic circuit. Bypass IN
locally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com