Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3332GC Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3332GC
Description  Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3332GC Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3332GC Datasheet HTML 8Page - Monolithic Power Systems MP3332GC Datasheet HTML 9Page - Monolithic Power Systems MP3332GC Datasheet HTML 10Page - Monolithic Power Systems MP3332GC Datasheet HTML 11Page - Monolithic Power Systems MP3332GC Datasheet HTML 12Page - Monolithic Power Systems MP3332GC Datasheet HTML 13Page - Monolithic Power Systems MP3332GC Datasheet HTML 14Page - Monolithic Power Systems MP3332GC Datasheet HTML 15Page - Monolithic Power Systems MP3332GC Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
MP3332
– DUAL-CHANNEL FLASH LED DRIVER WITH I2C INTERFACE
MP3332 Rev. 1.0
www.MonolithicPower.com
12
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
The MP3332 is a dual-channel, flash LED driver
with an I2C interface for phone and tablet
cameras. It works in standby mode, flash mode,
assist mode, torch mode, indicator mode, and
fixed 5V DC output mode.
Table 1 shows how to set the operation mode
and flash trigger mode when the STR_POL bit
is set to 1. If STR_POL is set to 0, STR
switches to low.
LED Driver Operation
The MP3332 uses PWM mode with peak
current control to regulate the LED current. It
works
in
a
selectable
1M/2M/3M/4MHz
switching frequency with a synchronous rectifier
PMOS. When enabled, the synchronous PMOS
works as a 230mA current source to charge the
output capacitor until VOUT rises to 2.3V. If the
voltage across the current source (VOUT-VLED) is
less
than
the
target
reference
(set
by
VTH_PAS1/2 bits, 05H register), the IC works
in boost switching mode; otherwise, it works in
pass mode. In pass mode, the synchronous
PMOS is turned on completely. During the
current start-up, the current ramps up step-by-
step to the target current.
Table 1: Operation Mode Setting and Flash Trigger Mode
Configuration
Mode
TX
Pin
TOR
Pin
STR
STR_MOD
LED1/2_EN
5V_MOD
LED_MOD
X
High
Float
X
1
X
00
Torch
High
1
Torch to flash
X
X
Float
X
1
X
10
Assist light
High
1
Assist to flash
X
X
X
X
1
X
01
Indicator
0
X
High
1
1
X
11
Flash
1
X
High
1
1
X
11
Flash
X
X
X
0
1
X
11
Flash
X
X
X
X
X
1
X
5V
Standby Mode
In default, if VIN is higher than UVLO, the device
switches to standby mode; the I2C is active and
is ready to communicate with the host.
Torch Mode
If TOR goes high in standby mode, the device
switches to torch mode, and the current ramps
up step-by-step after setting LED1/2_EN to 1.
The LED1 and LED2 currents can be set by
registers I1_TOR and I2_TOR respectively. The
ramp-up slew rate can be set by register TUP_I.
The current can be disabled by pulling TOR low
or by setting LED1/2_EN to 0. LED1_EN and
LED2_EN control
LED1 and LED2’s current
sources respectively. After pulling TOR low, the
LED1/2_EN and LED_MOD bits are reset to the
default value automatically if LED_SD is 0. If
LED_SD is 1, LED1/2_EN does not reset (see
Figure 2).
MP3332 Torch Mode:
ILED1
ILED2
TOR
I2C
REG 0x0C/D
I1_TOR=XXXX
I2_TOR=XXXX
REG 0x01,
LED_MOD=00
REG 0x01,
LED1_EN=1
LED2_EN=1
Reset,
LED1_EN to 0
LED2_EN to 0
Figure 2: Torch Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com