Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3332GC Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3332GC
Description  Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3332GC Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3332GC Datasheet HTML 2Page - Monolithic Power Systems MP3332GC Datasheet HTML 3Page - Monolithic Power Systems MP3332GC Datasheet HTML 4Page - Monolithic Power Systems MP3332GC Datasheet HTML 5Page - Monolithic Power Systems MP3332GC Datasheet HTML 6Page - Monolithic Power Systems MP3332GC Datasheet HTML 7Page - Monolithic Power Systems MP3332GC Datasheet HTML 8Page - Monolithic Power Systems MP3332GC Datasheet HTML 9Page - Monolithic Power Systems MP3332GC Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
MP3332
– DUAL-CHANNEL FLASH LED DRIVER WITH I2C INTERFACE
MP3332 Rev. 1.0
www.MonolithicPower.com
6
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 3.6V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Protection
Time-out time
tTIMEOUT
Time setting code = 0011
190
200
210
ms
Input DC current limit(5)
ILIMIT_IN
Current setting code = 0010
boost mode
1.5
A
Over-voltage threshold
VOVP
5.335
5.5
5.665
V
LED1/2 short detection
voltage
VLED_ST
1
V
PMOS charge current
VOUT < 2.3V
230
mA
LED1/2 open detection
voltage
VLED_OP
100
mV
Thermal shutdown threshold
Tj_SD
150
°C
Adaptive thermal threshold
130
°C
NTC detection voltage
VNTC
Code setting = 001
0.6
V
Code setting = 111
1.02
V
Low battery threshold
VBAT_LOW
Code setting = 000
3
V
Code setting = 110
3.6
V
I2C Interface
Input logic low
VIL
0.4
V
Input logic high
VIH
1.3
V
Output logic low
VOL
ILOAD = 3mA
0.4
V
SCL clock frequency
FSCL
400
kHz
SCL high time
tHIGH
0.6
µs
SCL low time
tLOW
1.3
µs
Data setup time
tSU,DAT
100
ns
Data hold time
tHD,DAT
0
0.9
µs
Setup time for repeated start
tSU,STA
0.6
µs
Hold time for start
tHD,STA
0.6
µs
Bus free time between a
start and stop condition
tBUF
1.3
µs
Setup time for stop condition
tSU,STO
0.6
µs
Rise time of SCL and SDA
tR
20+0.1
*CB
300
ns
Fall time of SCL and SDA
tF
20+0.1
*CB
300
ns
Pulse width of suppressed
spike
tSP
0
50
ns
Capacitance bus for each
bus line
CB
400
pF
NOTE:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com