Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3336 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP3336
Description  Dual-Channel, Flash LED Driver with 2A/Ch and I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3336 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP3336 Datasheet HTML 11Page - Monolithic Power Systems MP3336 Datasheet HTML 12Page - Monolithic Power Systems MP3336 Datasheet HTML 13Page - Monolithic Power Systems MP3336 Datasheet HTML 14Page - Monolithic Power Systems MP3336 Datasheet HTML 15Page - Monolithic Power Systems MP3336 Datasheet HTML 16Page - Monolithic Power Systems MP3336 Datasheet HTML 17Page - Monolithic Power Systems MP3336 Datasheet HTML 18Page - Monolithic Power Systems MP3336 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
MP3336 – DUAL-CHANNEL, FLASH LED DRIVER WITH I
2C INTERFACE
MP3336 Rev.1.01
www.MonolithicPower.com
15
5/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Switching Frequency Fold-back
When the max switching frequency is set to
2/3/4MHz in switching mode, if the voltage
across the current source is larger than the
value set by the register bits VTH_PAS, the IC
switches to 1MHz to improve efficiency and EMI.
With 1MHz, if the voltage across the current
source is still larger than the value set by the
register bits VTH_PAS, the IC can stretch the
frequency down until it reaches about 100kHz
with FS_SD = 0. If the LED load becomes
lighter and the input voltage increases further,
the IC switches to pass mode from 100kHz.
With FS_SD = 1, the IC switches directly to
pass mode from 1MHz.
Load Balancing
To improve efficiency, the device provides load
balancing to prevent unbalanced forward
voltage drops between the dual LEDs (see
Figure 13). To enable this function, the bit
BAL_ON must be set to 1. Supposing VLED1 >
VLED2 + VLED_HYS, the LED1 current drops step
by step while the LED2 current rises step by
step. Finally, |VLED1 - VLED2| < VLED_HYS or
ILED1 < 90%ILED2.
However, the maximum adjustment range of
each LED current is limited to 10%. Because of
the limitation, if there is a large difference
between VLED1 and VLED2, the load balance
function cannot make |VLED1 - VLED2| drop
below VLED_HYS, but it is still helpful to further
reduce the voltage difference and improve
efficiency.
Conversely, if VLED2 > VLED1 + VLED_HYS, the
operation is the same.
Figure 13: Load Balancing
LED Output Current Reduction
When the MP3336 works in flash mode, output
current reduction may occur due to the
following three conditions:
1. TX is High
During flash mode, if TX goes from low to high,
the flash current drops to the current set by
I_TX in under 5µs and sets the FT_TX bit to 1.
If TX goes low, the current ramps up to the
flash current again (see Figure 14).
Figure 14: Flash Mode with TX Pulse
2. Input DC Current Limit is Triggered
If the input DC current limit set by IL_DC
register is not sufficient, a current reduction
may occur. The actual current in the IFL_ACT
register can be read back during flash.
Input DC Current Limit Protection
The MP3336 uses the input DC current limit
protection to avoid drawing too much current
from the battery. This current limit can be
programmed by the IL_DC register from 1A to
4.2A with 250mA/step when IL_DC < 3A and
with 300mA/step when IL_DC > 3A. If the input
current hits the input current limit threshold, the
LED output current stops and holds until the
input current limit drops below the current limit
threshold. The fault bit FT_IDC is set to 1 if the
input current limit is triggered. The fault bit
remains until it is read back or the input power
is reset. The input current limit protection is
useful in boost mode because it senses the
current of the low-side MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com