Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3336 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP3336
Description  Dual-Channel, Flash LED Driver with 2A/Ch and I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3336 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP3336 Datasheet HTML 13Page - Monolithic Power Systems MP3336 Datasheet HTML 14Page - Monolithic Power Systems MP3336 Datasheet HTML 15Page - Monolithic Power Systems MP3336 Datasheet HTML 16Page - Monolithic Power Systems MP3336 Datasheet HTML 17Page - Monolithic Power Systems MP3336 Datasheet HTML 18Page - Monolithic Power Systems MP3336 Datasheet HTML 19Page - Monolithic Power Systems MP3336 Datasheet HTML 20Page - Monolithic Power Systems MP3336 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
MP3336 – DUAL-CHANNEL, FLASH LED DRIVER WITH I
2C INTERFACE
MP3336 Rev.1.01
www.MonolithicPower.com
17
5/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
in the loop control, and fault detections on this
channel are also disabled.
LED1/2 Open Protection
If VOUT - VLED1/2 < 110mV and VOUT > 5.5V,
the IC marks off the fault current source and
sets the fault bit FT_OVP but continues
switching. If both current sources are marked
off, the device stops switching and the mode
setting is reset. The fault bit FT_OVP is 1 until it
is read back or the power resets. If LED_EN1 is
set to 0, the feedback of the current source 1 is
not involved in loop control, and fault detection
on this channel is also disabled.
Output Over-Voltage Protection (OVP)
If VOUT > 5.5V, the device stops switching and
resumes normal condition until VOUT drops
below 5.2V. The fault bit FT_OVP is 1 until it is
read back or the power resets.
Junction Over-Temperature Protection
If LED_OTAD = 1, the flash current drops to the
current set by I_TX when TJ > 130°C. The fault
bit FT_OTP is set to 1. If TJ > 150°C, the device
stops switching and resets LED_MOD and
LED_EN1/2. The fault bit FT_OTP must be
cleared to 0 by a read-back or a power reset.
Time-Out Protection
If the device works in one of the flash modes—
hardware and level trigger mode—time-out
protection may be triggered. When the STR
input pulse is longer than the flash timer set by
FL_TIM, the device is disabled once the timer
ends. The device stops switching and resets
the mode setting, and the fault bit is 1 until it is
read back or the power is reset before
restarting.
Under-Voltage Lockout (UVLO) Protection
If VIN drops below the UVLO threshold, the
device stops and all of the registers are reset to
default.
I
2C Interface Register Description
I2C Chip Address
After the start condition, the I2C-compatible
master sends a seven-bit address followed by
an eighth read (Read: 1) or write (Write: 0) bit.
The following bit indicates the register address
to or from which the data is written or read. The
I2C address of the MP3336 is 0x27.
I
2C Compatible Device Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com