Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3336 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP3336
Description  Dual-Channel, Flash LED Driver with 2A/Ch and I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3336 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP3336 Datasheet HTML 16Page - Monolithic Power Systems MP3336 Datasheet HTML 17Page - Monolithic Power Systems MP3336 Datasheet HTML 18Page - Monolithic Power Systems MP3336 Datasheet HTML 19Page - Monolithic Power Systems MP3336 Datasheet HTML 20Page - Monolithic Power Systems MP3336 Datasheet HTML 21Page - Monolithic Power Systems MP3336 Datasheet HTML 22Page - Monolithic Power Systems MP3336 Datasheet HTML 23Page - Monolithic Power Systems MP3336 Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
MP3336 – DUAL-CHANNEL, FLASH LED DRIVER WITH I
2C INTERFACE
MP3336 Rev.1.01
www.MonolithicPower.com
20
5/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Table 5: Flash Timer Setting Register
Addr: 0x03
Bit
Bit Name
Access
Default
Description
7:4
FL_TIM
RW
0001
Flash timer setting bits. 100ms to 1600ms, 100ms/step.
0000 = 100ms
0001 = 200ms
…….
1111 = 1600ms
3
LED_SD
RW
0
LED_MOD and LED1/2_EN resetting control bit.
0 = reset LED_MOD and LED1/2_EN to default value
after flash or torch
1 = no reset
2
LEDT_SD
RW
0
LED_MOD and LED1/2_EN resetting control bit when
NTC fault occurs.
0 = no reset and device continues
1 = reset and device stops
1:0
SW_FS
RW
00
Max Switching frequency setting bits.
00 = 4MHz
01 = 3MHz
10 = 2MHz
11 = 1MHz
Table 6: Low Battery Voltage Setting Register
Addr: 0x04
Bit
Bit Name
Access
Default
Description
7:5
VBL_RUN
RW
111
Low battery voltage setting bits. If VIN drops blow this
voltage during start-up, the current ramping stops. If,
during flash current pulse, the current is decreased until
VIN is higher than its threshold. It works only in flash
mode. 0.1V per step.
000 = 3V
001 = 3.1V
……
110 = 3.6V
111 = disabled
4
VBL_SD
RW
1
1 = device disabled when VIN is less than the threshold
set by VBL_RUN before flash
0 = enable and current ramps up to current set by I_TX
3:0
IL_DC
RW
0100
Input DC current limit setting bits. 1A to 4.2A.
1A to 3A: 250mA/step
0000 = 1A
......
1000 = 3A
>3A: 300mA/step
1001 = 3.3A
......
1100 = 4.2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com