Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3336 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3336
Description  Dual-Channel, Flash LED Driver with 2A/Ch and I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3336 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3336 Datasheet HTML 1Page - Monolithic Power Systems MP3336 Datasheet HTML 2Page - Monolithic Power Systems MP3336 Datasheet HTML 3Page - Monolithic Power Systems MP3336 Datasheet HTML 4Page - Monolithic Power Systems MP3336 Datasheet HTML 5Page - Monolithic Power Systems MP3336 Datasheet HTML 6Page - Monolithic Power Systems MP3336 Datasheet HTML 7Page - Monolithic Power Systems MP3336 Datasheet HTML 8Page - Monolithic Power Systems MP3336 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MP3336
Dual-Channel, Flash LED Driver
with 2A/Ch and I
2C Interface
MP3336 Rev.1.01
www.MonolithicPower.com
1
5/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3336 is a compact, dual-channel, high-
power, flash, LED driver that can drive up to 2A in
flash mode for each LED. It is usually applied for
camera phones to improve image and video
quality in low-light environments. The MP3336
operates with a selectable 1/2/3/4MHz switching
frequency and uses a synchronous, current-mode
PWM boost converter to regulate the LED current
with two high-current sources. The MP3336
provides high efficiency and an optimized solution
for smaller PCB spaces.
The MP3336 features a standard I2C interface,
dual LED channels, rich protection modes, and
high power density and performances. The
MP3336 can also support flash, assist, torch,
indicator, and 5V DC modes.
The cathodes of the dual-flash LED are
referenced to GND, which is better for improving
thermal performance in layout. The MP3336 is
available in a WLCSP-20 (1.6mmx2.0mm)
package.
FEATURES
 2.7V~5.5V Input Voltage
 1/2/3/4MHz
Selectable
Max
Switching
Frequency
 Switching Frequency Fold-back Function
 400kHz I2C Compatible Interface
 Standby/Flash/Assist/Torch/Indicator/5V DC
Modes
Flash Mode
 Up to 2A/Ch Programmable Current with
±7% Accuracy for Each LED, 7.84mA/Step
Assist/Torch Mode
 Up to 319mA/Ch Programmable Current
with
±7%
Accuracy
for
Each
LED,
1.25mA/Step
Indicator Mode
 Works in 31.5kHz PWM Dimming Mode with
2/16, 3/16, 4/16, 5/16 Duty Cycle
 Used for Blinking and 128/256/512ms
Selectable Blinking Time
5V DC Mode
 Output Constant 5V DC Voltage
 1A to 4.2A Programmable Input DC Current
Limit Protection
 External Torch/Strobe/TX Pin
 LED Forward-Voltage Balance to Improve
Efficiency
 VIN to VOUT Disconnection Function
 Low-Battery Voltage Protection
 LED Short/Open Protection
 VOUT-GND Short Protection
 Over-Voltage Protection (OVP)
 Over-Temperature Protection (OTP)
 Input
Under-Voltage
Lockout
(UVLO)
Protection
 Available in a WLCSP-20 (1.6mmx2.0mm)
Package
APPLICATIONS
 Smartphone Flash LED Application
Cameras for Tablets
 Digital Still Camera
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality
Assurance. “MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.


Similar Part No. - MP3336

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3336GC MPS-MP3336GC Datasheet
330Kb / 7P
Dual-Channel Flash LED Driver With 2A/Ch and I2C Interface Evaluation Board
More results

Similar Description - MP3336

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626 Datasheet
807Kb / 14P
6-Channel LED Driver with I2C Interface
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1660 AD-ADP1660 Datasheet
620Kb / 28P
Dual 750 mA LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
2A, Synchronous Boost Flash LED Driver with I2C Interface
MP3332 MPS-MP3332 Datasheet
1Mb / 27P
Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
EV3331-C-00A MPS-EV3331-C-00A Datasheet
576Kb / 7P
2A Flash LED Driver With I2C Interface Evaluation Board
EV3332-C-00A MPS-EV3332-C-00A Datasheet
664Kb / 7P
Dual channel, 1.5A/Ch Flash LED Driver With I2C Interface Evaluation Board
EV3336-C-00A MPS-EV3336-C-00A Datasheet
330Kb / 7P
Dual-Channel Flash LED Driver With 2A/Ch and I2C Interface Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com