Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3336 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP3336
Description  Dual-Channel, Flash LED Driver with 2A/Ch and I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3336 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP3336 Datasheet HTML 12Page - Monolithic Power Systems MP3336 Datasheet HTML 13Page - Monolithic Power Systems MP3336 Datasheet HTML 14Page - Monolithic Power Systems MP3336 Datasheet HTML 15Page - Monolithic Power Systems MP3336 Datasheet HTML 16Page - Monolithic Power Systems MP3336 Datasheet HTML 17Page - Monolithic Power Systems MP3336 Datasheet HTML 18Page - Monolithic Power Systems MP3336 Datasheet HTML 19Page - Monolithic Power Systems MP3336 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
MP3336 – DUAL-CHANNEL, FLASH LED DRIVER WITH I
2C INTERFACE
MP3336 Rev.1.01
www.MonolithicPower.com
16
5/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
3. Low
Battery
Voltage
Threshold
Is
Triggered
During flash pulse, if the battery voltage drops
below the threshold set by VBL_RUN, the
current reduces step by step until the battery
voltage rises up to the set low battery voltage
threshold. The actual current in the IFL_ACT
register can read back during flash and the
minimum current caused by the current
reduction in IFL_MIN can be read back after
flash.
Low Battery Voltage Protection
The device provides low battery voltage
protection in flash mode in the following ways:
1. Before flash, if VBL_SD = 1, and the input
voltage is lower than the threshold set by
VBL_RUN, the device remains disabled and
sets the fault bit FT_VBATL to 1. If VBL_SD
= 0, the device ramps to the current set by
I_TX and sets the fault bit FT_VBATL to 1.
The fault bit is cleared after it is read back
or when the input power resets.
2. During flash start-up, if the input voltage is
lower than the threshold set by VBL_RUN,
the current stops ramping. The fault bit
FT_VBATL is set. During flash pulse, if the
input voltage is lower than the threshold set
by VBL_RUN, the current ramps down step
by step. The fault bit is set until it is read
back or when the input power resets.
After flash, the minimum current caused by
the current reduction can be read back
through the IFL_MIN register. The IFL_MIN
value holds until the next flash occurs or
until the power resets. The actual current
can be read back through IFL_ACT during
flash. This function is useful for determining
how much flash current can be drawn from
the battery (see Figure 15).
Figure 15: Pre-Flash under Low Battery
NTC Detection
If the register NTC_WD is set to enable NTC
detection, the NTC sources a constant 35µA
current. If the voltage across the NTC resistor
drops below the threshold set by NTC_WD, the
internal fault bit FT_LEDHOT is set to 1 and the
modes are reset to standby mode if LEDT_SD
= 1. If LEDT_SD = 0, the mode setting is not
reset after the fault bit is set. The fault bit
remains until it is read back or the power resets.
It is recommended to float NTC if this function is
not being used.
Figure 16: NTC Detection
VOUT-GND Short Protection
If VOUT < 1V, the device stops switching and
disconnects the synchronous PMOS to prevent
a large current from being drawn from the
battery. Set the FT_VOSC bit to 1 and reset the
mode setting. The fault bit remains until it is
read back or the power resets.
LED1/2-GND Short Protection
If LED1 < 1V and ILED1 > 5mA, or LED2 <
1Vand ILED2 > 5mA, the IC marks off the
current source and sets the fault bit FT_LEDSC
but continues switching. If both current sources
are marked off, the device stops switching and
the mode setting is reset. The fault bit
FT_LEDSC is 1 until it is read back or the
power resets. If LED_EN1 is set to 0, the
feedback of the current source 1 is not involved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com