Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3361 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3361
Description  300V, 1A Peak, Integrated Photo Flash Charger and IGBT Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3361 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3361 Datasheet HTML 1Page - Monolithic Power Systems MP3361 Datasheet HTML 2Page - Monolithic Power Systems MP3361 Datasheet HTML 3Page - Monolithic Power Systems MP3361 Datasheet HTML 4Page - Monolithic Power Systems MP3361 Datasheet HTML 5Page - Monolithic Power Systems MP3361 Datasheet HTML 6Page - Monolithic Power Systems MP3361 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MP3361 – 300V, 1A PEAK INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
MP3361 Rev. 0.9
www.MonolithicPower.com
3
4/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = V (Charge) = 3.6V, TA = +25°C, unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Unit
Photoflash Capacitor Charger
VIN Voltage Range
2.5
6
V
VIN UVLO
Rising edge, hysteresis = 200mV
typical
2.5
V
VIN Quiescent Current (active)
V(CHARGE)=High, V(FB) = 0
1
2
mA
VIN Quiescent Current (standby)
V(CHARGE)=High, V(FB) = 336V
100
µA
Shutdown Current from VIN
V(CHARGE)=Low, VIN =3.6V
1
µA
VSW Leakage Current
VIN=3.6V, VSW=60V, in Shutdown
1
µA
SW ON Resistance between SW
and GND
Switch turn-on
0.5
Ω
Pull-down Resistance of CHARGE
pin
V(CHARGE)=3.6V
100k
Ω
IPEAK
1.0
1.2
A
Charge completion detect voltage
at FB
285
295
305
V
FB Resistance
V(FB)=30V
285
k
Ω
DCM Comparator threshold
5
V
RDYB Leakage Current
V(RDYB)=3.6V
1
µA
RDYB Output Low Voltage
ISINK= 2mA
0.2
V
MAX TON
Maximum TON time
70
µs
Thermal Shutdown
Rising edge, hysteresis = 15
°C
150
°C
Charge Input High Voltage
1.4
V
Charge Input Low Voltage
0.5
V
IGBTOUT pull-up ON resistance
5
Ω
IGBTOUT pull-down ON resistance
6
Ω
IGBTIN Input High Voltage
1.4
V
IGBTIN Input Low Voltage
0.5
V
Propagation delay
Cgate=6800pF
50
ns
IGBT Pulse Width
1
µs
IGBTOUT rise time
Cgate=6800pF
130
ns
IGBTOUT fall time
Cgate=6800pF
180
ns
Pull down resistance of IGBTIN
100k
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com