Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3361 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3361
Description  300V, 1A Peak, Integrated Photo Flash Charger and IGBT Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3361 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3361 Datasheet HTML 1Page - Monolithic Power Systems MP3361 Datasheet HTML 2Page - Monolithic Power Systems MP3361 Datasheet HTML 3Page - Monolithic Power Systems MP3361 Datasheet HTML 4Page - Monolithic Power Systems MP3361 Datasheet HTML 5Page - Monolithic Power Systems MP3361 Datasheet HTML 6Page - Monolithic Power Systems MP3361 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MP3361
300V, 1A Peak, Integrated Photo Flash
Charger and IGBT Driver
MP3361 Rev. 0.9
www.MonolithicPower.com
1
4/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3361 is a fast, highly efficient and
precision high voltage Xenon photo-flash
charger for Digital Still Cameras (DSC).
The MP3361 features a 1A peak current and
charges to 300V in 4 seconds from 4.2V battery
voltage. A 60V, 0.5Ω internal power switch
lowers transformer turns ratio and switching
losses associated with the primary leakage
inductance and winding capacitance. Integrated
secondary feedback resistors provide +/-3%
output voltage charge accuracy.
FEATURES
•
Integrated 60V, 0.5
Ω Power Switch
•
1A Peak Charge Current
•
3.5% Charge Accuracy
•
<1uA Shutdown Current
•
Integrated IGBT Driver
APPLICATIONS
•
Digital Still Cameras
•
Optical Film Cameras
•
PDAs with Xenon Flash
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
4
6
9
8
4
5
5, 6, 7, 8
1, 2, 3
3
10
MP3361
FB
IGBTOUT
N/C
N/C
GND
IGBTIN
CHG
CHG
Xenon Flash
VIN
VIN
SW
T1
T2
2
6
1
13
2
4
3
7
1 RDYB
RDYB
IGBTIN
R2
499K
1206
Q1
FGR15N40A
D1
BAV23S
600V/1A
R3
1M
1206
U1
R1
10
Q2
+


Similar Part No. - MP3361

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3361DK MPS-MP3361DK Datasheet
321Kb / 6P
Integrated Photo Flash Changer IGBT Driver EV Board
More results

Similar Description - MP3361

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65552A TI-TPS65552A Datasheet
404Kb / 14P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560 TI-TPS65560 Datasheet
944Kb / 13P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65561 TI-TPS65561 Datasheet
568Kb / 16P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563 TI-TPS65563 Datasheet
596Kb / 16P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563A TI-TPS65563A Datasheet
807Kb / 18P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65573 TI-TPS65573 Datasheet
425Kb / 13P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65562 TI1-TPS65562 Datasheet
668Kb / 16P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Monolithic Power System...
MP3360 MPS-MP3360 Datasheet
324Kb / 8P
Highly Integrated Photo Flash Charger and IGBT Driver
logo
Texas Instruments
TPS65552ADGQG4 TI1-TPS65552ADGQG4 Datasheet
731Kb / 20P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI1-TPS65552A_16 Datasheet
531Kb / 16P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com