Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3361 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3361
Description  300V, 1A Peak, Integrated Photo Flash Charger and IGBT Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3361 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3361 Datasheet HTML 1Page - Monolithic Power Systems MP3361 Datasheet HTML 2Page - Monolithic Power Systems MP3361 Datasheet HTML 3Page - Monolithic Power Systems MP3361 Datasheet HTML 4Page - Monolithic Power Systems MP3361 Datasheet HTML 5Page - Monolithic Power Systems MP3361 Datasheet HTML 6Page - Monolithic Power Systems MP3361 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MP3361 – 300V, 1A PEAK INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
MP3361 Rev. 0.9
www.MonolithicPower.com
4
4/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin
Name
Function
1
RDYB
Open-Drain Power-Ready Output. RDYB becomes low when the output voltage is reached.
2
SW
Switch Pin. This is the drain of the internal power switch.
3
IGBTOUT
Output Drive for IGBT Gate. Connect this pin to the gate of the IGBT.
4
IGBTIN
Logic Input for IGBT Drive.
5,9
N/C
6
VIN
Input Supply Pin. Connect it to system supply voltage. Bypass VIN to GND with a 0.1uF or
greater ceramic capacitor.
7
GND
Ground
8
CHG
A Logic LOW disables the part. Logic Hi Enables the part
10
FB
Freeback Pin. Its trip voltage is 295V typical.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com